Electronic Components Datasheet Search
  English  ▼

X  

SSM3582BCPZ Datasheet(PDF) 33 Page - Analog Devices

Part # SSM3582BCPZ
Description  2횞, 31.76 W, Digital Input, Filterless Stereo Class-D Audio Amplifier
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3582BCPZ Datasheet(HTML) 33 Page - Analog Devices

Back Button SSM3582BCPZ Datasheet HTML 29Page - Analog Devices SSM3582BCPZ Datasheet HTML 30Page - Analog Devices SSM3582BCPZ Datasheet HTML 31Page - Analog Devices SSM3582BCPZ Datasheet HTML 32Page - Analog Devices SSM3582BCPZ Datasheet HTML 33Page - Analog Devices SSM3582BCPZ Datasheet HTML 34Page - Analog Devices SSM3582BCPZ Datasheet HTML 35Page - Analog Devices SSM3582BCPZ Datasheet HTML 36Page - Analog Devices SSM3582BCPZ Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 59 page
background image
Data Sheet
SSM3582
Rev. 0| Page 33 of 59
The limiter threshold can be set above the maximum output
voltage of the amplifier. In this case, the limiter allows maximum
peak output; in other words, the output may clip depending on
the power supply voltage and not the limiter.
The limiter threshold can be set as fixed or to vary with the
battery voltage via the VBAT_TRACK_L bit (Register 0x0E, Bit 2)
for the left channel and VBAT_TRACK_R bit (Register 0x11, Bit 2)
for right channel. When set to fixed, the limiter threshold is fixed
and does not vary with battery voltage. The threshold can be set
from 2 V peak to 16 V peak using the LIM_THRES_x bit (see
Figure 77).
When set to a variable threshold, the SSM3582 monitors the
VBAT supply and automatically adjusts the limiter threshold
based on the VBAT supply voltage.
The VBAT supply voltage at which the limiter begins to decrease
the output level is determined by the VBAT inflection point (the
VBAT_INF _L bits (Register 0x10, Bits[7:0]) for the left channel
and VBAT_INF_R bits (Register 0x13, Bits[7:0]) for the right
channel).
The VBAT_INF_x point is defined as the battery voltage at
which the limiter either activates or deactivates depending on
the LIM_EN_x mode (see Table 22). When the battery voltage
is greater than VBAT_INF_x, the limiter is not active. When the
battery voltage is less than VBAT_INF_X, the limiter is activated.
The VBAT_INF_x bits can be set from 3.8 V to 16.2 V. The 8-bit
value for the voltage can be calculated using the following
equation:
Voltage = 3.8 + 12.4 × Decimal Value/255
Convert the decimal value to an 8-bit hexadecimal value and
use it to set the VBAT_INF_x bits.
The slope bits (Register 0x0F and Register 0x12, Bits[1:0])
determine the rate at which the limiter threshold is lowered
relative to the amount of change in VBAT below the
VBAT_INF_x point.
The slope is the ratio of the limiter threshold reduction to the
VBAT voltage reduction.
Slope = ΔLimiter Threshold/ΔVBAT
The slope ratio can be set from 1:1 to 4:1. This function is useful
to prevent early shutdown under low battery conditions. As the
VBAT voltage falls, the limiter threshold is lowered. This lower
threshold results in the lower output level and therefore helps to
reduce the current drawn from the battery and in turn helps
prevent early shutdown due to low VBAT.
The limiter offers various active modes that can be set using the
LIM_EN_x bits (Register 0x0E and Register 0x11, Bits[1:0]) and
the VBAT_TRACK_x bit, as shown in Table 22.
When LIM_EN_x = 01, the limiter is enabled. When LIM_EN_x =
10, the limiter mutes the output if VBAT falls below VBAT_INF_x.
When LIM_EN_x = 11, the limiter engages only when the battery
voltage is lower than VBAT_INF_x. When VBAT is greater than
VBAT_INF_x, no limiting occurs. Note that there is hysteresis on
VBAT_INF_x for the limiter disengaging.
The limiter, when active, reduces the gain of the amplifier. The rate
of gain reduction or attack rate is determined by the LIM_ATR_
x bits (Register 0x0E and Register 0x11, Bits[5:4]). Similarly, when
the signal level drops below the limiter threshold, the gain is
restored. The gain release rate is determined by the LIM_RRT bits
(Register 0x0E and Register 0x11, Bits[7:6]).
INPUT LEVEL
AMPLIFIER CLIPPING LEVEL
LIM_EN_x = 00
VBAT_TRACK_x = 0
Figure 76. Limiter Example (LIM_EN_x = 0b0, VBAT_TRACK_x = 0bX)
VBAT
LIM_THRES_x
LIMITER THRESHOLD FIXED AT SET VALUE
AND DOES NOT TRACK VBAT
Figure 77. Limiter Fixed (LIM_EN_x = 0b01, VBAT_TRACK_x = 0b0)
Table 22. Limiter Modes
LIM_EN_x
VBAT_TRACK_x
Limiter
VBAT < VBAT_INF_x
VBAT > VBAT_INF_x
Comments
00
0 or 1
No
Not applicable
Not applicable
See Figure 76
01
0
Fixed
Use the set threshold
Use the set threshold
See Figure 77
01
1
Variable
Lowers the threshold
Use the set threshold
See Figure 78 and Figure 79
10
0 or 1
Fixed
Mutes the output
Use the set threshold
Not shown
11
0
Fixed
Use the set threshold
No limiting
See Figure 80 and Figure 81
11
1
Variable
Lowers the threshold
No limiting
See Figure 82 and Figure 83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com