Electronic Components Datasheet Search
  English  ▼

X  

SSM3582BCPZ Datasheet(PDF) 46 Page - Analog Devices

Part # SSM3582BCPZ
Description  2횞, 31.76 W, Digital Input, Filterless Stereo Class-D Audio Amplifier
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3582BCPZ Datasheet(HTML) 46 Page - Analog Devices

Back Button SSM3582BCPZ Datasheet HTML 42Page - Analog Devices SSM3582BCPZ Datasheet HTML 43Page - Analog Devices SSM3582BCPZ Datasheet HTML 44Page - Analog Devices SSM3582BCPZ Datasheet HTML 45Page - Analog Devices SSM3582BCPZ Datasheet HTML 46Page - Analog Devices SSM3582BCPZ Datasheet HTML 47Page - Analog Devices SSM3582BCPZ Datasheet HTML 48Page - Analog Devices SSM3582BCPZ Datasheet HTML 49Page - Analog Devices SSM3582BCPZ Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 59 page
background image
SSM3582
Data Sheet
Rev. 0| Page 46 of 59
Address: 0x0B, Reset: 0x00, Name: SLOT_LEFT_CTRL
Left channel s lot s election
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:5] RESERVED
[4:0] TDM_SLOT_L (R/W)
Table 35. Bit Descriptions for SLOT_LEFT_CTRL
Bits
Bit Name
Settings
Description
Reset
Access
[7:5]
RESERVED
Reserved
0x0
R
[4:0]
TDM_SLOT_L
Left Channel Slot Selection
0x0
R/W
Address: 0x0C, Reset: 0x01, Name: SLOT_RIGHT_CTRL
Right channel s lot s election
0
1
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:5] RESERVED
[4:0] TDM_SLOT_R (R/W)
Table 36. Bit Descriptions for SLOT_RIGHT_CTRL
Bits
Bit Name
Settings
Description
Reset
Access
[7:5]
RESERVED
Reserved
0x0
R
[4:0]
TDM_SLOT_R
Right Channel Slot Selection
0x1
R/W
Address: 0x0E, Reset: 0xA0, Name: LIM_LEFT_CTRL1
Left lim iter releas e rate
11: 800 m s/dB.
10: 1200 m s/dB.
1: 1600 m s/dB.
0: 3200 m s/dB.
Left lim iter m ode
11: Lim iter on only if VBAT<VBAT_INF_L.
10: Mute output if VBAT<VBAT_INF_L.
1: Lim iter on.
0: Lim iter off.
Left lim iter attack rate
11: 20 us /dB.
10: 30 us /dB.
1: 60 us /dB.
0: 120 us/dB.
Left thres hold battery tracking
1:
bits in Register 0x0F.
VBAT<VBAT_INF_L using SLOPE_x
Ram p Down Lim iter Thres hold when
0:
Bits in Register0x0F.
Fixed Lim iter Threshold Set by LIM_THRES_L
0
0
1
0
2
0
3
0
4
0
5
1
6
0
7
1
[7:6] LIM_RRT_L (R/W)
[1:0] LIM_EN_L (R/W)
[5:4] LIM_ATR_L (R/W)
[2] VBAT_TRACK_L (R/W)
[3] RESERVED
Table 37. Bit Descriptions for LIM_LEFT_CTRL1
Bits
Bit Name
Settings
Description
Reset
Access
[7:6]
LIM_RRT_L
Left Limiter Release Rate
0x2
R/W
0
3200 ms/dB
1
1600 ms/dB
10
1200 ms/dB
11
800 ms/dB
[5:4]
LIM_ATR_L
Left Limiter Attack Rate
0x2
R/W
0
120 μs/dB
1
60 μs/dB
10
30 μs/dB
11
20 μs/dB
3
RESERVED
Reserved
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com