Electronic Components Datasheet Search
  English  ▼

X  

SSM3582BCPZ Datasheet(PDF) 45 Page - Analog Devices

Part # SSM3582BCPZ
Description  2횞, 31.76 W, Digital Input, Filterless Stereo Class-D Audio Amplifier
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3582BCPZ Datasheet(HTML) 45 Page - Analog Devices

Back Button SSM3582BCPZ Datasheet HTML 41Page - Analog Devices SSM3582BCPZ Datasheet HTML 42Page - Analog Devices SSM3582BCPZ Datasheet HTML 43Page - Analog Devices SSM3582BCPZ Datasheet HTML 44Page - Analog Devices SSM3582BCPZ Datasheet HTML 45Page - Analog Devices SSM3582BCPZ Datasheet HTML 46Page - Analog Devices SSM3582BCPZ Datasheet HTML 47Page - Analog Devices SSM3582BCPZ Datasheet HTML 48Page - Analog Devices SSM3582BCPZ Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 59 page
background image
Data Sheet
SSM3582
Rev. 0| Page 45 of 59
Address: 0x0A, Reset: 0x07, Name: SAI_CTRL2
SDATA edge delay mode
1: Half cycle delay of SDATA.
0: Normal operation.
Autom atic TDM slot selection
1:
ADDRx pin settings.
Set TDM slots autom atically using
0:
Bits.
Set TDM slots using TDM_SLOTx
Channel volume link
1: Link both channels to VOL_L control.
0:
controls.
Use independent VOL_L and VOL_R
Audio input data width
1: 16 bits.
0: 24 bits.
High frequency clipper link
1:
Bits.
Link Both Channels to DAC_CLIP_L
0:
Bits.
Use Independent Left and Right DAC_CLIP_x
Volume control zero-crossing detection
1:
is detected (may be different per-channel)
Only change volum e when zero-crossing
0: Allow volume to change at all tim es.
0
1
1
1
2
1
3
0
4
0
5
0
6
0
7
0
[7] SDATA_EDGE (R/W)
[0] AUTO_SLOT (R/W)
[6:5] RESERVED
[1] VOL_LINK (R/W)
[4] DATA_WIDTH (R/W)
[2] CLIP_LINK (R/W)
[3] VOL_ZC_ONLY (R/W)
Table 34. Bit Descriptions for SAI_CTRL2
Bits
Bit Name
Settings
Description
Reset
Access
7
SDATA_EDGE
SDATA Edge Delay Mode
0x0
R/W
0
Normal Operation
1
Half Cycle Delay of SDATA
[6:5]
RESERVED
Reserved
0x0
R
4
DATA_WIDTH
Audio Input Data Width
0x0
R/W
0
24 Bits
1
16 Bits
3
VOL_ZC_ONLY
Volume Control Zero-Crossing Detection
0x0
R/W
0
Allow Volume to Change at All Times
1
Only Change Volume When Zero-Crossing is Detected (May Be Different Per
Channel)
2
CLIP_LINK
High Frequency Clipper Link
0x1
R/W
0
Use Independent Left and Right DAC_CLIP_x Bits
1
Link Both Channels to DAC_CLIP_L Bits
1
VOL_LINK
Channel Volume Link
0x1
R/W
0
Use Independent VOL_L and VOL_R Controls
1
Link Both Channels to VOL_L Control
0
AUTO_SLOT
Automatic TDM Slot Selection
0x1
R/W
0
Set TDM Slots Using TDM_SLOT_x Bits
1
Set TDM Slots Automatically Using the ADDRx Pin Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com