Electronic Components Datasheet Search
  English  ▼

X  

SSM3582BCPZ Datasheet(PDF) 52 Page - Analog Devices

Part # SSM3582BCPZ
Description  2횞, 31.76 W, Digital Input, Filterless Stereo Class-D Audio Amplifier
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3582BCPZ Datasheet(HTML) 52 Page - Analog Devices

Back Button SSM3582BCPZ Datasheet HTML 48Page - Analog Devices SSM3582BCPZ Datasheet HTML 49Page - Analog Devices SSM3582BCPZ Datasheet HTML 50Page - Analog Devices SSM3582BCPZ Datasheet HTML 51Page - Analog Devices SSM3582BCPZ Datasheet HTML 52Page - Analog Devices SSM3582BCPZ Datasheet HTML 53Page - Analog Devices SSM3582BCPZ Datasheet HTML 54Page - Analog Devices SSM3582BCPZ Datasheet HTML 55Page - Analog Devices SSM3582BCPZ Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 59 page
background image
SSM3582
Data Sheet
Rev. 0| Page 52 of 59
Address: 0x15, Reset: 0xFF, Name: CLIP_RIGHT_CTRL
Right DAC high frequency clip value
0x00: Clip to 1/256.
0xFC: ...
0xFD: Clip to 254/256.
0xFE: Clip to 255/256.
0xFF: Clip to 0 dB.
0
1
1
1
2
1
3
1
4
1
5
1
6
1
7
1
[7:0] DAC_CLIP_R (R/W)
Table 44. Bit Descriptions for CLIP_RIGHT_CTRL
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
DAC_CLIP_R
Right DAC High Frequency Clip Value
0xFF
R/W
0xFF
Clip to 0 dB
0xFE
Clip to 255/256
0xFD
Clip to 254/256
0xFC
…
0x00
Clip to 1/256
Address: 0x16, Reset: 0x00, Name: FAULT_CTRL1
Left channel over tem perature warning
gain reduction
11: 5.625 dB gain reduction.
10: 3 dB gain reduction.
1: 1.5 dB gain reduction.
0: No gain reduction.
Right channel over tem perature warning
gain reduction
11: 5.625 dB gain reduction.
10: 3 dB gain reduction.
1: 1.5 dB gain reduction.
0: No gain reduction.
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:6] RESERVED
[1:0] OTW_GAIN_L (R/W)
[5:4] OTW_GAIN_R (R/W)
[3:2] RESERVED
Table 45. Bit Descriptions for FAULT_CTRL1
Bits
Bit Name
Settings
Description
Reset
Access
[7:6]
RESERVED
Reserved
0x0
R
[5:4]
OTW_GAIN_R
Right Channel Over Temperature Warning Gain Reduction
0x0
R/W
0
No Gain Reduction
1
1.5 dB Gain Reduction
10
3 dB Gain Reduction
11
5.625 dB Gain Reduction
[3:2]
RESERVED
Reserved
0x0
R
[1:0]
OTW_GAIN_L
Left Channel Over Temperature Warning Gain Reduction
0x0
R/W
0
No Gain Reduction
1
1.5 dB Gain Reduction
10
3 dB Gain Reduction
11
5.625 dB Gain Reduction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com