Electronic Components Datasheet Search
  English  ▼

X  

SSM3582BCPZ Datasheet(PDF) 26 Page - Analog Devices

Part # SSM3582BCPZ
Description  2횞, 31.76 W, Digital Input, Filterless Stereo Class-D Audio Amplifier
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3582BCPZ Datasheet(HTML) 26 Page - Analog Devices

Back Button SSM3582BCPZ Datasheet HTML 22Page - Analog Devices SSM3582BCPZ Datasheet HTML 23Page - Analog Devices SSM3582BCPZ Datasheet HTML 24Page - Analog Devices SSM3582BCPZ Datasheet HTML 25Page - Analog Devices SSM3582BCPZ Datasheet HTML 26Page - Analog Devices SSM3582BCPZ Datasheet HTML 27Page - Analog Devices SSM3582BCPZ Datasheet HTML 28Page - Analog Devices SSM3582BCPZ Datasheet HTML 29Page - Analog Devices SSM3582BCPZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 59 page
background image
SSM3582
Data Sheet
Rev. 0| Page 26 of 59
POWER-UP SEQUENCE
Using Only PVDD as a Source
When SSM3582 is used in single-supply mode, all internal rails are
generated from PVDD. The internal AVDD (5 V) and DVDD
(1.8 V) regulators can be enabled by pulling the AVDD_EN and
DVDD_EN pins high. AVDD_EN is pulled to PVDD, and
DVDD_EN is pulled to AVDD. The amplifier is operational and
responds to I2C writes 10 ms after applying PVDD ≥ 5 V.
Using PVDD and External AVDD
Take care when an external 5 V is supplied to AVDD. The internal
5 V LDO must be disabled by pulling the AVDD_EN pin low. In
this case, DVDD (1.8 V) is generated from PVDD. It is important
to maintain PVDD > AVDD to prevent the back powering of
PVDD.
Using PVDD and External AVDD and DVDD
If using an external AVDD and DVDD source, both the
AVDD_EN and DVDD_EN pins must be pulled low. It is
important to maintain PVDD > AVDD/DVDD to prevent
back powering PVDD.
DVDD must be present for the device to respond to I2C
commands. The device becomes operational ~10 ms after
DVDD is present. PVDD must be at least 5 V for the output
stage to turn on, and must be 6 V for optimal performance.
POWER-DOWN OPERATION
The SSM3582 offers several power-down options via the I2C.
Register 0x04 provides multiple options for setting the various
power-down modes.
When set to 1, the SPWDN bit fully powers down the device. In
this case, only the I2C and 1.8 V regulator blocks, if enabled via
the DVDD_EN pin, are kept active.
The SSM3582 monitors both the BCLK and FSYNC pins for
clock presence. When no BCLK is present, the device
automatically powers down all internal circuitry to its lowest
power state. When BCLK returns, the device automatically
powers up following its usual power sequence. To guarantee
click/pop free shutdown, power down the device via the
SPDWN control before clock removal.
If enabled, the APWDN_EN bit activates a low power state after
2048 consecutive zero input samples are received. Only the I2C
and digital audio input blocks are kept active.
Individual channels can be powered down using Bits[3:2] in
Register 0x04.
The temperature sense ADC can be powered down using Bit 5
in Register 0x04.
CLOCKING
A BCLK signal must be provided to the SSM3582 for correct
operation. The BCLK signal must have a minimum frequency
of 2.048 MHz. The BCLK rate is autodetected, but the sampling
frequency must be indicated. The BCLK rates supported at
32 kHz to 48 kHz are 50, 64, 100, 128, 192, 200, 256, 384, 400,
512, 768, 800, and 1024 times the sample rate.
DIGITAL AUDIO SERIAL INTERFACE
The SSM3582 includes a standard serial audio interface that is
slave only. The interface is capable of receiving I2S, left justified,
PCM, or TDM formatted data.
The serial interfaces have three main operating modes. The
stereo modes, typically I2S or left justified, are used when there
is a single chip on the interface bus. TDM mode is more flexible
and offers the ability to have multiple chips on the bus.
Stereo Operating Modes—I2S, Left Justified
Stereo modes use both edges of FSYNC to determine the
placement of data. Stereo mode is enabled when SAI_MODE = 0,
and the I2S or left justified format is determined by the SDATA_
FMT register setting.
The I2S or left justified interface formats supports various
BCLK/FSYNC ratios (see Table 13). Sample rates from 8 kHz to
192 kHz are accepted.
TDM Operating Mode
The TDM operating mode allows multiple chips to connect to a
single serial interface.
The FSYNC signal operates at the desired sample rate. A rising
edge of the FSYNC signal indicates the start of a new frame. For
proper operation, this signal must be one BCLK cycle wide, trans-
itioning on a falling BCLK edge. The MSB of data is present on the
SDATA signal one BCLK cycle later. The SDATA signal is
latched on a rising edge of BCLK.
Each chip on the TDM bus can occupy 16, 24, 32, 48, or
64 BCLK cycles, set via the TDM_BCLKS control bits. The
maximum number of devices connected to a single TDM bus
depends on the sample rate and number of bits per channel.
The supported combinations of sample rates and bit depths are
described in Table 13.
The maximum bit clock frequency is 49.152 MHz. Using the
TDM16 format, up to eight devices (16 channels) can be connected
to a single TDM interface, and can operate at up to a 96k sample
rate and at 32 bits per channel. See Table 13 for the supported
options at the 48 kHz, 96 kHz, and 192 kHz sample rates. Note
that the interface is slave only, with the bit clock, frame sync,
and data provided to the device.
ADDRx pin settings dictate the default TDM slots for each
device, and can be modified using the TDM_SLOT control
register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com