Electronic Components Datasheet Search
  English  ▼

X  

PC87322VF Datasheet(PDF) 36 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87322VF
Description  Floppy Disk Controller with Dual UARTs, Enhanced Parallel Port, and IDE Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87322VF Datasheet(HTML) 36 Page - National Semiconductor (TI)

Back Button PC87322VF Datasheet HTML 32Page - National Semiconductor (TI) PC87322VF Datasheet HTML 33Page - National Semiconductor (TI) PC87322VF Datasheet HTML 34Page - National Semiconductor (TI) PC87322VF Datasheet HTML 35Page - National Semiconductor (TI) PC87322VF Datasheet HTML 36Page - National Semiconductor (TI) PC87322VF Datasheet HTML 37Page - National Semiconductor (TI) PC87322VF Datasheet HTML 38Page - National Semiconductor (TI) PC87322VF Datasheet HTML 39Page - National Semiconductor (TI) PC87322VF Datasheet HTML 40Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 84 page
background image
40 FDC Command Set Description (Continued)
Looking at the second command byte DC3 – DC0 corre-
spond to the four logical drives A 0 written to DCn sets
drive n to conventional mode and a 1 sets drive n to per-
pendicular mode Also the OW (Overwrite) bit offers addi-
tional control When OW e 1 changing the values of DC3 –
DC0 (drive configuration bits) is enabled When OW e 0
the internal values of DC3 – DC0 are unaffected regardless
of what is written to DC3 – DC0
The function of the DCn bits must also be qualified by set-
ting both WG and GAP to 0 If WG and GAP are used (ie
not set to 00) they will override whatever is programmed in
the DCn bits Table 4-6 below indicates the operation of the
FDC based on the values of GAP and WG Note that when
GAP and WG are both 0 the DCn bits are used to configure
each logical drive as conventional or perpendicular DC3 –
DC0 are unaffected by a software reset but WG and GAP
are both cleared to 0 after a software reset A hardware
reset will reset all the bits to zero (conventional mode for all
drives) The Perpendicular Mode command bits may be re-
written at any time
Note
When in the Perpendicular Mode for any drive at any data rate select-
ed by the DC0–3 bits write precompensation is set to zero
Perpendicular Recording type disk drives have a Pre-Erase
Head which leads the ReadWrite Head by 200 mm which
translates to 38 bytes at the 1 Mbs data transfer rate (19
bytes at 500 kbs) The increased spacing between the two
heads requires a larger GAP2 between the Address Field
and Data Field of a sector at 1 Mbs (See Perpendicular
Format in Table 4-1) This GAP2 length of 41 bytes (at
1 Mbs) will ensure that the Preamble in the Data Field is
completely ‘‘pre-erased’’ by the Pre-Erase Head Also dur-
ing Write Data operations to a perpendicular drive a portion
of GAP2 must be rewritten by the controller to guarantee
that the Data Field Preamble has been pre-erased (see
Table 4-5)
429 Read Data Command
The Read Data command reads logical sectors containing a
Normal Data AM from the selected drive and makes the
data available to the host mP After the last Command
Phase byte is written the controller will simulate the Motor
On time for the selected drive internally The user must turn
on the drive motor directly by enabling the appropriate drive
and motor select disk interface outputs with the Digital Out-
put Register (DOR)
If Implied Seeks are enabled the controller will perform a
Seek operation to the track number specified in the Com-
mand Phase The controller will also issue a Sense Interrupt
for the seek and wait the Head Settle time specified in the
Mode command
The correct ID information (track head sector bytes per
sector) for the desired sector must be specified in the com-
mand bytes See Table 4-7 Sector Size Selection for details
on the bytes per sector code In addition the End of Track
Sector Number (EOT) should be specified allowing the con-
troller to read multiple sectors The Data Length byte is a
don’t care and should be set to FF (hex)
TABLE 4-7 Sector Size Selection
Bytes per
Number of Bytes
Sector Code
in Data Field
0
128
1
256
2
512
3
1024
4
2048
5
4096
6
8192
7
16384
TABLE 4-5 Effect of Drive Mode and Data Rate on Format and Write Commands
Drive
GAP2 Length
Portion of GAP2
Data Rate
Mode
Written during
Re-Written by Write
Format
Data Command
250300500 kbs
Conventional
22 Bytes
0 Bytes
Perpendicular
22 Bytes
19 Bytes
1 Mbs
Conventional
22 Bytes
0 Bytes
Perpendicular
41 Bytes
38 Bytes
TABLE 4-6 Effect of GAP and WG on Format and Write Commands
Mode
GAP2 Length
Portion of GAP2
GAP
WG
Description
Written during
Re-Written by Write
Format
Data Command
0
0
Conventional
22 Bytes
0 Bytes
0
1
Perpendicular
22 Bytes
19 Bytes
(s500 kbs)
1
0
Reserved
22 Bytes
0 Bytes
(Conventional)
1
1
Perpendicular
41 Bytes
38 Bytes
(1 Mbs)
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com