Electronic Components Datasheet Search
  English  ▼

X  

PC87322VF Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87322VF
Description  Floppy Disk Controller with Dual UARTs, Enhanced Parallel Port, and IDE Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87322VF Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button PC87322VF Datasheet HTML 6Page - National Semiconductor (TI) PC87322VF Datasheet HTML 7Page - National Semiconductor (TI) PC87322VF Datasheet HTML 8Page - National Semiconductor (TI) PC87322VF Datasheet HTML 9Page - National Semiconductor (TI) PC87322VF Datasheet HTML 10Page - National Semiconductor (TI) PC87322VF Datasheet HTML 11Page - National Semiconductor (TI) PC87322VF Datasheet HTML 12Page - National Semiconductor (TI) PC87322VF Datasheet HTML 13Page - National Semiconductor (TI) PC87322VF Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 84 page
background image
10 Pin Description (Continued)
Symbol
Pin
IO
Function
IRQ6
97
O
Interrupt 6
Active high output to signal the completion of the execution phase for certain FDC
commands Also used to signal when a data transfer is ready during a Non-DMA operation When in
PC-AT or Model 30 mode this signal is enabled by bit D3 of the DOR When in PS2 mode IRQ6 is
always enabled and bit D3 of the DOR is reserved
IRQ7
96
O
Interrupt 7
Active high output that indicates a parallel port interrupt When enabled this bit follows the
ACK signal input When bit 4 in the parallel port Control Register is set and the parallel port address is
designated as shown in Table 2-5 this interrupt is enabled When it is not enabled this signal is
TRI-STATE
MR
2
I
Master Reset
Active high input that resets the controller to the idle state and resets all disk interface
outputs to their inactive states The DOR DSR CCR Mode command Configure command and Lock
command parameters are cleared to their default values The Specify command parameters are not
affected The Configuration Registers are set to their selected default values
MFM
53
IO
MFM
During a chip reset when IDENT is low this pin is sampled to select the PS2 mode (MFM high)
or the Model 30 mode (MFM low) An internal pull-up or external pull-down 2 kX resistor selects
between the two PS2 modes When the PC-AT mode is desired (IDENT high) MFM should be left
pulled high internally MFM reflects the current data encoding format when RESET is inactive MFM e
high FM e low Defaults to low after a chip reset This signal can also be configured as the PUMP
data separator diagnostic output via the Mode command (see Section 426) (See IOCHRDY for
further information)
MTR01
46 43
O
Motor Select 01
These are the motor enable lines for drives 0 and 1 and are controlled by bits
D7 – D4 of the Digital Output register They are active low outputs They are encoded with information
to control four FDDs when bit 4 of the Function Enable Register (FER) is set MTR0 exchanges logical
motor values with MTR1 when bit 4 of FCR is set (See DR01 for more information)
84
O
Motor Select 1
This pin provides an additional Motor Select 1 signal in PPM Mode when PNFe0
This pin is the motor enable line for drive 1 when bit 4 of FCR is 0 It is the motor enable line for drive 0
when bit 4 of FCR is 1 This signal is active low (See BUSY and Table 7-5 for further information)
MSEN01
52 51
I
Media Sense
These pins are Media Sense input pins when bit 0 of FCR is 0 Each pin has a 10 kX
internal pull-up resistor When bit 0 of FCR is 1 these pins are Data Rate output pins and the pull-up
resistors are disabled (See DRATE01 for further information)
88 86
I
Media Sense
These pins provide additional Media Sense signals for PPM Mode and PNFe0 (See
PD5 7 and Table 7-5 for further information)
PD0 – 7
94 – 91
IO
Parallel Port Data
These bidirectional pins transfer data to and from the peripheral data bus and the
parallel port Data Register These pins have high current drive capability (See DC Electrical
89–86
Characteristics) (See MSEN01 INDEX TRK0 WP RDATA DSKCHG and Table 7-5 for further
information)
PDIR
57
I
Parallel Port Direction
During reset the state of this pin determines the direction of the parallel port
data The direction is output (printer) when PDIR e 0 and PTR7e0 and it is input (scanner) when
PDIR e 1 and PTR7e0 An internal pull-down resistor of 30 kX is on each pin Use a 10 kX resistor
to pull this pin to high during reset
PWDN
3I
Power-Down
This multi-function pin will stop the clocks andor the external crystal based on the
selections made in the Power and Test Register bits 1-2 (See CSOUT and ZWS for additional
information)
PE
83
I
Paper End
This input is set high by the printer when it is out of paper This pin has a nominal 25 kX
pull-down resistor attached to it (See WDATA and Table 7-5 for further information)
POE
58
I
Parallel Port Output Enable
This pin is sensed during reset If it is low bit 7 of the Power and Test
Register (PTR7) is set high and the parallel port will operate initially in the Extended mode If this pin
is high then the direction of the parallel port data is determined by the state of the PDIR pin at reset
An internal pull-down resistor of 30 kX is on each pin Use a 10 kX resistor to pull this pin to high
during reset This strapping option may be overwritten using bit 7 of PTR
PNF
49
I
Printer Not Floppy
PNF is the Printer Not Floppy pin when bit 2 of FCR is 1 It selects the device
which is connected to the PPM pins A parallel printer is connected when PNF e 1 and a floppy disk
drive is connected when PNF e 0 This pin is the DRV2 input pin when bit 2 of FCR is 0 (See DRV2
for further information)
RD
19
I
Read
Active low input to signal a data read by the microprocessor
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com