Electronic Components Datasheet Search
  English  ▼

X  

TH7888A Datasheet(PDF) 1 Page - ATMEL Corporation

Part # TH7888A
Description  Area Array CCD Image Sensor (1024 x 1024 Pixels with Antiblooming)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TH7888A Datasheet(HTML) 1 Page - ATMEL Corporation

  TH7888A Datasheet HTML 1Page - ATMEL Corporation TH7888A Datasheet HTML 2Page - ATMEL Corporation TH7888A Datasheet HTML 3Page - ATMEL Corporation TH7888A Datasheet HTML 4Page - ATMEL Corporation TH7888A Datasheet HTML 5Page - ATMEL Corporation TH7888A Datasheet HTML 6Page - ATMEL Corporation TH7888A Datasheet HTML 7Page - ATMEL Corporation TH7888A Datasheet HTML 8Page - ATMEL Corporation TH7888A Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
Features
• 1024 x 1024 Pixels with Memory Zone
• Up to 30 Images/Second
• Built-in Antiblooming Device Providing an Electric Shutter Function
• Pixel: 14 µm x 14 µm
• Image Zone: 14.34 x 14.34 mm2
• Two Outputs at 20 MHz Each
• Readout Through 1 or 2 Outputs
• Possible Binning 2 x 2
• Optical Shield Against Parasitic Reflexions and Stray Light
• A/R Window in 400 - 700 nm Bandwidth
Description
The TH7888A is particularly designed for high data rate applications (up to 30 pic-
tures/second in 1024 x 1024 progressive scan format) in the medical and industrial
fields. This area array image sensor consists of a 1024 x 1024 pixels (14 µm x 14 µm)
image zone associated with a memory zone (masked with an optical shield). To
increase the data rate, two separate outputs are provided, which can be used for par-
allel readout (the readout frequency is up to 20 MHz/output, leading to a total readout
frequency of 40 MHz). These two outputs allow three readout modes (single or dual
port). The TH7888A is designed with an antiblooming structure which provides an
electronic shutter capability. Moreover, the 2 x 2 binning mode is available on this sen-
sor, providing an image size of 512 x 512 pixels with 28 µm x 28 µm pixels. The
TH7888A package is sealed with a specific anti-reflective window optimized in the 400
- 700 nm spectrum bandwidth on the sealed version.
Area Array CCD
Image Sensor
(1024 x 1024
Pixels with
Antiblooming)
TH7888A
Rev. 1999A–IMAGE–09/03


Similar Part No. - TH7888A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TH7888A ETC-TH7888A Datasheet
2Mb / 16P
AREA ARRAY CCD IMAGE SENSOR 1024 X 1024 PIXELS WITH ANTIBLOOMING
TH7888ACBHRB ETC-TH7888ACBHRB Datasheet
2Mb / 16P
AREA ARRAY CCD IMAGE SENSOR 1024 X 1024 PIXELS WITH ANTIBLOOMING
TH7888AVRHRB ETC-TH7888AVRHRB Datasheet
2Mb / 16P
AREA ARRAY CCD IMAGE SENSOR 1024 X 1024 PIXELS WITH ANTIBLOOMING
More results

Similar Description - TH7888A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TC213 TI-TC213 Datasheet
325Kb / 21P
1024- 횞 512-pixel ccd image sensor
TC215 TI-TC215 Datasheet
307Kb / 19P
1024- 횞 1024-PIXEL CCD IMAGE SENSOR
logo
ATMEL Corporation
TH7804A ATMEL-TH7804A Datasheet
172Kb / 11P
Linear Charged Couple Device (CCD) Image Sensor 1024 Pixels
logo
List of Unclassifed Man...
TH7888A ETC-TH7888A Datasheet
2Mb / 16P
AREA ARRAY CCD IMAGE SENSOR 1024 X 1024 PIXELS WITH ANTIBLOOMING
KAF-1001E ETC1-KAF-1001E Datasheet
113Kb / 18P
1024(H) x 1024(V) Pixel Enhanced Response Full-Frame CCD Image Sensor Performance Specification
logo
ATMEL Corporation
TH7887A ATMEL-TH7887A Datasheet
220Kb / 20P
Area Array CCD Image Sensor 1024 x 1024 Pixels with Antiblooming
logo
NEC
UPD795 NEC-UPD795 Datasheet
233Kb / 7P
1024 - BIT CCD IMAGE SENSOR
logo
Hamamatsu Corporation
S9737 HAMAMATSU-S9737 Datasheet
796Kb / 9P
CCD area image sensor 1024 횞 1024 pixels, front-illuminated FFT-CCDs
S9737 HAMAMATSU-S9737_15 Datasheet
325Kb / 9P
1024 x 1024 pixels, front-illuminated FFT-CCDs
logo
ON Semiconductor
KAE-01093 ONSEMI-KAE-01093 Datasheet
1Mb / 39P
1024 (H) x 1024 (V) Interline Transfer EMCCD Image Sensor
August, 2019 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com