Electronic Components Datasheet Search
  English  ▼

X  

TH7888A Datasheet(PDF) 18 Page - ATMEL Corporation

Part # TH7888A
Description  Area Array CCD Image Sensor (1024 x 1024 Pixels with Antiblooming)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TH7888A Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button TH7888A Datasheet HTML 13Page - ATMEL Corporation TH7888A Datasheet HTML 14Page - ATMEL Corporation TH7888A Datasheet HTML 15Page - ATMEL Corporation TH7888A Datasheet HTML 16Page - ATMEL Corporation TH7888A Datasheet HTML 17Page - ATMEL Corporation TH7888A Datasheet HTML 18Page - ATMEL Corporation TH7888A Datasheet HTML 19Page - ATMEL Corporation TH7888A Datasheet HTML 20Page - ATMEL Corporation TH7888A Datasheet HTML 21Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
18
TH7888A
1999A–IMAGE–09/03
Number of Defects
Total pixel numbers affected by blemishes and clusters .....100
Maximum number of clusters................................................10
Maximum number of columns.................................................5
α: amplitude of video signal of defect with respect to mean output voltage Vos
Ordering Codes
TH7888AVRHRB: sealed version
TH7888AVRHN: unsealed version
Figure 18. Ordering Information Key
123456789
10
11
TH788A
Technological Variants
Temperature Range
V: -40°C to +85°C
Package Families
R: Pin Grid Array (PGA)
Image Grade
H: High
Customer Specification
Quality Assurance Level
Standard Screening
Nothing
B = Mechanical Mask
Package Variants
N: Non-sealed Window
R: Anti-reflective Window



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com