Electronic Components Datasheet Search
  English  ▼

X  

TH7888A Datasheet(PDF) 14 Page - ATMEL Corporation

Part # TH7888A
Description  Area Array CCD Image Sensor (1024 x 1024 Pixels with Antiblooming)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TH7888A Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button TH7888A Datasheet HTML 10Page - ATMEL Corporation TH7888A Datasheet HTML 11Page - ATMEL Corporation TH7888A Datasheet HTML 12Page - ATMEL Corporation TH7888A Datasheet HTML 13Page - ATMEL Corporation TH7888A Datasheet HTML 14Page - ATMEL Corporation TH7888A Datasheet HTML 15Page - ATMEL Corporation TH7888A Datasheet HTML 16Page - ATMEL Corporation TH7888A Datasheet HTML 17Page - ATMEL Corporation TH7888A Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
14
TH7888A
1999A–IMAGE–09/03
Electro-optical
Performance
•
General conditions:
Temp = 25°C (package temperature)
Light source: 2854 K with 2 mm BG38 filter (unless specified) + F/3.5 optical
aperture.
30 images per second mode (Ti = 33 ms) under typical operating conditions
•
Readout mode: 2 outputs
•
Values exclude dummy elements and blemishes
Notes:
1. Pixel saturation (full well) as a function of vertical transfer frequency (see Figure 14 on page 15) and antiblooming adjust-
ment (see Figure 15 on page 15).
2. After substraction of dark signal slope due to memory readout time.
3. First line level referenced from inactive prescan elements (12 samples).
4. Last line level referenced from inactive prescan elements (12 samples).
5. Measured with Correlated Double Sampling (CDS) including 160 µV readout noise and dark current noise in general test
conditions.
6. Saturation to RMS noise in darkness ratio.
7. At Nyquist frequency.
8. VSAT/2 measurement and 417 kHz vertical transfer frequency.
9. VSAT/2 measurement and 10 MHz horizontal transfer frequency.
Table 7. Performance Description and Values
Parameter
Symbol
Value
Unit
Remarks
Min
Typ
Max
Output register saturation level
VSAT reg
–
2.6
–
V
Pixel saturation level
V
SAT
1.6
1.9
3
V
(1)
Pixel saturation charge (electron per pixel)
Q
SAT
–
320
–
ke-
Responsivity at 640 nm
Responsivity with BG38 filter
R–
3
6.5
4
–
–
V/(µJ/cm2)
V/(µJ/cm2)
Quantum efficiency at 640 nm
QE
–
15
–
%
See Figure 17
Photo response non uniformity (1
σ)
PRNU
–
0.4
1.7
%Vos
Dark signal non uniformity (1
σ)
DSNU
–
0.28
0.4
mV
(2)
Average dark signal
VDS
–23
mV
(3)
–4
5.6
mV
(4)
Temporal RMS noise in darkness (last line)
V
N
–
200
–
µV
(5)
Dynamic range
D
–
80
–
dB
(6)
Horizontal modulation transfer function at 500
nm
MTF
–
70
–
%
(7)
Vertical charge transfer inefficiency (per
stage)
VCTI
–
–
2.5.10-5
–
(8)
Horizontal charge transfer inefficiency (per
stage)
HCTI
–
–
5.10-5
–
(9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com