Electronic Components Datasheet Search
  English  ▼

X  

TH7888A Datasheet(PDF) 5 Page - ATMEL Corporation

Part # TH7888A
Description  Area Array CCD Image Sensor (1024 x 1024 Pixels with Antiblooming)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TH7888A Datasheet(HTML) 5 Page - ATMEL Corporation

  TH7888A Datasheet HTML 1Page - ATMEL Corporation TH7888A Datasheet HTML 2Page - ATMEL Corporation TH7888A Datasheet HTML 3Page - ATMEL Corporation TH7888A Datasheet HTML 4Page - ATMEL Corporation TH7888A Datasheet HTML 5Page - ATMEL Corporation TH7888A Datasheet HTML 6Page - ATMEL Corporation TH7888A Datasheet HTML 7Page - ATMEL Corporation TH7888A Datasheet HTML 8Page - ATMEL Corporation TH7888A Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5
TH7888A
1999A–IMAGE–09/03
Absolute Maximum Ratings*
Operating Precautions
Shorting the video outputs to any pin, even temporarily, can permanently damage the
on-chip output amplifier.
Storage Temperature ..................................... -55°C to +150°C
*NOTICE:
*Stresses above those listed under absolute
maximum ratings may cause permanent device
failure. Functionality at or above these limits is
not implied. Exposure to absolute maximum rat-
ings for extended periods may affect device reli-
ability. Operating range defines the limits within
which functionality is guaranteed. Electrical limits
of applied signals are given in the operating con-
ditions section.
Operating Temperature.................................... -40°C to +85°C
Thermal Cycling..........................................................15°C/mn
Maximum Applied Voltages:
• Pins: Y9, AA9, Y10, AA10, Y5, AA5, Y6,
AA6, Y4, B2, A2, A3, B3, B1, A1, B4, A6 ...........-0.3 V to 15 V
• Pins: A9, A8, B10, B8, B7, A7, AA7 ..............-0.3 V to 15.5 V
• Pin: Y7..............................................................-0.3 V to 12 V
• Pins: A4, A5, B5, B6, Y8, AA4, AA8 ................... 0 V (ground)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com