Electronic Components Datasheet Search
  English  ▼

X  

TH7888A Datasheet(PDF) 4 Page - ATMEL Corporation

Part # TH7888A
Description  Area Array CCD Image Sensor (1024 x 1024 Pixels with Antiblooming)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TH7888A Datasheet(HTML) 4 Page - ATMEL Corporation

  TH7888A Datasheet HTML 1Page - ATMEL Corporation TH7888A Datasheet HTML 2Page - ATMEL Corporation TH7888A Datasheet HTML 3Page - ATMEL Corporation TH7888A Datasheet HTML 4Page - ATMEL Corporation TH7888A Datasheet HTML 5Page - ATMEL Corporation TH7888A Datasheet HTML 6Page - ATMEL Corporation TH7888A Datasheet HTML 7Page - ATMEL Corporation TH7888A Datasheet HTML 8Page - ATMEL Corporation TH7888A Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
TH7888A
1999A–IMAGE–09/03
Geometrical
Characteristics
Figure 3. Pixel Layout
Figure 4. AA Cross Section
Y7
ΦA
Antiblooming gate clock
A7
VDR
Reset bias
AA7
VA
Antiblooming diode bias
A4, A5, B5, B6
VSS
Substrate bias
Y8, AA4, AA8
VSS
Table 1. Pin Description (Continued)
Pin Number
Symbol
Designation
14
µm
14
µm
Aperture 10
µm
ΦA
ΦA
ΦA
ΦA
VA
VA
Φ P1
ΦP1
ΦP4
ΦP3
ΦP2
A
A'
ΦP1
ΦP1
ΦP3
ΦP4
ΦP2
Signal Charge
for One Pixel
Transfer Direction
Potential Profile
During Integration Time
14
µm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com