Electronic Components Datasheet Search
  English  ▼

X  

TH7888A Datasheet(PDF) 6 Page - ATMEL Corporation

Part # TH7888A
Description  Area Array CCD Image Sensor (1024 x 1024 Pixels with Antiblooming)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TH7888A Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button TH7888A Datasheet HTML 2Page - ATMEL Corporation TH7888A Datasheet HTML 3Page - ATMEL Corporation TH7888A Datasheet HTML 4Page - ATMEL Corporation TH7888A Datasheet HTML 5Page - ATMEL Corporation TH7888A Datasheet HTML 6Page - ATMEL Corporation TH7888A Datasheet HTML 7Page - ATMEL Corporation TH7888A Datasheet HTML 8Page - ATMEL Corporation TH7888A Datasheet HTML 9Page - ATMEL Corporation TH7888A Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
TH7888A
1999A–IMAGE–09/03
Operating Conditions
Notes:
1. Ground: note that the package metal back is grounded.
2. In dynamic mode, to avoid possible damage to the device, the addition of a Schottky diode is recommended (for example;
diode reference BAR 43S) between VS1 and VSS ground in order to increase the potential on VS1, thus avoiding any direct
mode diode current during clock transitions.
Readout Mode
The serial readout register is operated in a two-phase transfer mode. However, there
are 6 separate command electrodes that should be connected differently, depending on
the required readout mode. The following table gives the connections to be made for
each mode.
Table 2. DC Characteristics
Parameter
Symbol
Value
Unit
Min
Typ
Max
Output amplifier drain supply
VDD1, VDD2
14.5
15
15.5
V
Protection drain bias
VDP
14.5
15
15.5
V
Reset bias
VDR
14.5
15
15.5
V
Antiblooming diode bias
VA
14.5
15
15.5
V
Register output gate bias
VGS
2.2
2.5
2.8
V
Output amplifier source supply
VS1(2), VS2
0
V
Ground(1)
VSS(2)
0V
Table 3. Readout Modes
Readout Modes
1 Output, VOS 1
1 Output, VOS2
(Mirror Effect)
2 Outputs (Parallel)
Drive Clocks (Signals)
ΦL1
Pins B2, B3, B1
Pins B2, A3, A1
Pins B2, B3, A1
ΦL2
Pins A2, A3, A1
Pins A2, B3, B1
Pins A2, A3, B1
Table 4. Timing Parameters
Definition
Symbol
Comments
Vertical transfer period
T
V
Nominal value = 800 nm
Vertical transfer subdivision
TO
Tv = 8 x To
Rise time
tr
For vertical transfer clocks (between
10% and 90% of the transition time)
Fall time
tf
Readout register clock transition time
t1
Reset clock transition time
t2
Delay between output reset signal and reset clock
td



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com