Electronic Components Datasheet Search
  English  ▼

X  

THS10082IDA Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # THS10082IDA
Description  10 bit TWO ANALOG INPUT, 8 MSPS SIMULTANEOUS SAMPLING ANALOG TO DIGITAL CONVERTER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS10082IDA Datasheet(HTML) 32 Page - Texas Instruments

Back Button THS10082IDA Datasheet HTML 26Page - Texas Instruments THS10082IDA Datasheet HTML 27Page - Texas Instruments THS10082IDA Datasheet HTML 28Page - Texas Instruments THS10082IDA Datasheet HTML 29Page - Texas Instruments THS10082IDA Datasheet HTML 30Page - Texas Instruments THS10082IDA Datasheet HTML 31Page - Texas Instruments THS10082IDA Datasheet HTML 32Page - Texas Instruments THS10082IDA Datasheet HTML 33Page - Texas Instruments THS10082IDA Datasheet HTML 34Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
THS10082
SLAS254B – MAY 2002 – REVISED NOVEMBER 2002
www.ti.com
32
10-Bit
ADC
VREFP
VREFM
AINP
Σ
VADC
AINM
+
–
Figure 41. Differential Input Stage
In comparison to the single-ended configuration it can be seen that the voltage (VADC) which is applied at the input of the
ADC is the difference between the input AINP and AINM. This means that VREFM defines the minimum voltage (AINM)
which can be applied to the ADC. VREFP defines the maximum voltage (AINP) which can be applied to the ADC. The voltage
VADC can be calculated as follows:
V
ADC +
ABS(AINP–AINM)
An advantage to single-ended operation is that the common-mode voltage
V
CM +
AINM
) AINP
2
can be rejected in the differential configuration, if the following condition for the analog input voltages is true:
AGND
v AINM, AINP v AV
DD
1V
v V
CM v
4V
In addition to the common-mode voltage rejection, the differential operation allows a dc-offset rejection which is common
to both analog inputs. See Figure 43.
SINGLE-ENDED MODE OF OPERATION
The THS10082 can be configured for single-ended operation using dc or ac coupling. In either case, the input of the
THS10082 must be driven from an operational amplifier that does not degrade the ADC performance. Because the
THS10082 operates from a 5-V single supply, it is necessary to level-shift ground-based bipolar signals to comply with its
input requirements. This can be achieved with dc and ac coupling. An application example is shown for dc-coupled level
shifting in the following section, dc coupling.
(2)
(3)
(4)
(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com