Electronic Components Datasheet Search
  English  ▼

X  

THS10082IDA Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # THS10082IDA
Description  10 bit TWO ANALOG INPUT, 8 MSPS SIMULTANEOUS SAMPLING ANALOG TO DIGITAL CONVERTER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS10082IDA Datasheet(HTML) 23 Page - Texas Instruments

Back Button THS10082IDA Datasheet HTML 19Page - Texas Instruments THS10082IDA Datasheet HTML 20Page - Texas Instruments THS10082IDA Datasheet HTML 21Page - Texas Instruments THS10082IDA Datasheet HTML 22Page - Texas Instruments THS10082IDA Datasheet HTML 23Page - Texas Instruments THS10082IDA Datasheet HTML 24Page - Texas Instruments THS10082IDA Datasheet HTML 25Page - Texas Instruments THS10082IDA Datasheet HTML 26Page - Texas Instruments THS10082IDA Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
THS10082
SLAS254B – MAY 2002 – REVISED NOVEMBER 2002
www.ti.com
23
ADC CONTROL REGISTERS
Control Register 0, Write Only (see Table 8)
BIT 11
BIT 10
BIT 9
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
0
0
TEST1
TEST0
SCAN
DIFF1
DIFF0
CHSEL1
CHSEL0
PD
MODE
VREF
Table 9. Control Register 0 Bit Functions
BITS
RESET
VALUE
NAME
FUNCTION
0
0
VREF
Vref select:
Bit 0 = 0
→ The internal reference is selected
Bit 0 = 1
→ The external reference voltage is selected
1
0
MODE
Continuous conversion mode/single conversion mode
Bit 1 = 0
→ Continuous conversion mode is selected
An external clock signal is applied to the CONV_CLK input in this mode. With every falling edge of the
CONV_CLK signal a new converted value is written into the FIFO.
Bit 1 = 1
→ Single conversion mode is selected
In this mode, the CONV_CLK input functions as a CONVST input. A single conversion is initiated on the
THS10082 by pulsing the CONVST input. On the falling edge of CONVST, the sample and hold stages of the
selected analog inputs are placed into hold simultaneously, and the conversion sequence for the selected
channels is started. The signal DATA_AV (data available) becomes active when the trigger condition is
satisfied.
2
0
PD
Power down.
Bit 2 = 0
→ The ADC is active
Bit 2 = 1
→ Power down
The reading and writing to and from the digital outputs is possible during power down. It is also possible to
read out the FIFO.
3, 4
0,0
CHSEL0,
CHSEL1
Channel select
Bit 3 and bit 4 select the analog input channel of the ADC. Refer to Table 10.
5,6
1,0
DIFF0, DIFF1
Number of differential channels
Bit 5 and bit 6 contain information about the number of selected differential channels. See Table 10.
7
0
SCAN
Autoscan enable
Bit 7 enables or disables the autoscan function of the ADC. See Table 10.
8,9
0,0
TEST0,
TEST1
Test input enable
Bit 8 and bit 9 control the test function of the ADC. Three different test voltages can be measured. This
feedback allows the check of all hardware connections and the ADC operation.
See Table 11 for selection of the three different test voltages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com