Electronic Components Datasheet Search
  English  ▼

X  

THS10082IDA Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # THS10082IDA
Description  10 bit TWO ANALOG INPUT, 8 MSPS SIMULTANEOUS SAMPLING ANALOG TO DIGITAL CONVERTER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS10082IDA Datasheet(HTML) 12 Page - Texas Instruments

Back Button THS10082IDA Datasheet HTML 8Page - Texas Instruments THS10082IDA Datasheet HTML 9Page - Texas Instruments THS10082IDA Datasheet HTML 10Page - Texas Instruments THS10082IDA Datasheet HTML 11Page - Texas Instruments THS10082IDA Datasheet HTML 12Page - Texas Instruments THS10082IDA Datasheet HTML 13Page - Texas Instruments THS10082IDA Datasheet HTML 14Page - Texas Instruments THS10082IDA Datasheet HTML 15Page - Texas Instruments THS10082IDA Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
THS10082
SLAS254B – MAY 2002 – REVISED NOVEMBER 2002
www.ti.com
12
TYPICAL CHARACTERISTICS
Figure 20
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
EFFECTIVE NUMBER OF BITS
vs
INPUT FREQUENCY (DIFFERENTIAL)
fi – Input Frequency – MHz
AVDD = 5 V, DVDD = BVDD = 3 V,
fs = 8 MSPS, AIN = –1 dB FS
Figure 21
GAIN
vs
INPUT FREQUENCY (SINGLE-ENDED)
fi – Input Frequency – MHz
–30
–25
–20
–15
–10
–5
0
5
0
20406080
100
120
AVDD = 5 V, DVDD = BVDD = 3 V,
fs = 8 MSPS, AIN = –1 dB FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com