Electronic Components Datasheet Search
  English  ▼

X  

AD805 Datasheet(PDF) 5 Page - Analog Devices

Part # AD805
Description  DATA RETIMING PHASE LOCKED LOOP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD805 Datasheet(HTML) 5 Page - Analog Devices

  AD805 Datasheet HTML 1Page - Analog Devices AD805 Datasheet HTML 2Page - Analog Devices AD805 Datasheet HTML 3Page - Analog Devices AD805 Datasheet HTML 4Page - Analog Devices AD805 Datasheet HTML 5Page - Analog Devices AD805 Datasheet HTML 6Page - Analog Devices AD805 Datasheet HTML 7Page - Analog Devices AD805 Datasheet HTML 8Page - Analog Devices AD805 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AD805
–5–
REV. 0
POWER
SPLITTER
+
+
+
–
POWER
COMBINER
POWER
COMBINER
DIFFERENTIAL
SIGNAL
SOURCE
CIRCUIT
UNDER
TEST
DATAIN
DATAIN
0.47
µF
0.47
µF
50
Ω
50
Ω
75
Ω
180
Ω
1.0
µF
FILTER
NOISE
SOURCE
GND
–5.2 V
∑
∑
Figure 2. Bit Error Rate vs. Signal-to-Noise Ratio Test:
Block Diagram
0
–10
–20
1
10
1000
100
–15
–5
JITTER FREQUENCY – kHz
1.3 UI
INPUT
JITTER
0.3 UI
INPUT JITTER
TYPE A
MASK
INPUT
JITTER
CCITT TYPE B
MASK
Figure 3. Jitter Transfer – Bandwidth
–1
–5
110
–3
JITTER FREQUENCY – kHz
1.3 UI
INPUT JITTER
0.3 UI
INPUT JITTER
CCITT
TYPE A MASK
INPUT JITTER
Figure 4. Jitter Transfer – Peaking
100
1
0.1
1
1000
100
10
0.1
10
FREQUENCY – kHz
CCITT TYPE A MASK
Figure 5. Jitter Tolerance
E-1
E-2
E-15
89
21
20
19
18
17
16
15
14
13
11
10
12
3
4
5
6
8
10
12
5E-2
3E-2
2E-2
5E-3
3E-3
2E-3
5E-4
3E-4
2E-4
22 23 24
S/N – dB
80mV
ECL
20mV
Figure 6. Bit Error Rate vs. Signal-to-Noise Ratio
0
400
1.5
0.5
–200
1.0
2.0
200
0
I
OUT –
A
V
CC – VOH
V
OL – VEE
I
OUT
V
CC
V
EE
= –5.2V
AD805
Figure 7. VCXO Control Voltage vs. Load
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com