Electronic Components Datasheet Search
  English  ▼

X  

AD805 Datasheet(PDF) 2 Page - Analog Devices

Part # AD805
Description  DATA RETIMING PHASE LOCKED LOOP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD805 Datasheet(HTML) 2 Page - Analog Devices

  AD805 Datasheet HTML 1Page - Analog Devices AD805 Datasheet HTML 2Page - Analog Devices AD805 Datasheet HTML 3Page - Analog Devices AD805 Datasheet HTML 4Page - Analog Devices AD805 Datasheet HTML 5Page - Analog Devices AD805 Datasheet HTML 6Page - Analog Devices AD805 Datasheet HTML 7Page - Analog Devices AD805 Datasheet HTML 8Page - Analog Devices AD805 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
–2–
REV. 0
AD805–SPECIFICATIONS
AD805BN
Parameter
Condition
Min
Typ
Max
Units
NOMINAL DATA RATE
1
155.52
Mbps
TRACKING RANGE/CAPTURE RANGE
1
±50
±70
ppm of Nominal Data Rate
STATIC PHASE ERROR
1
2
7–1 PRN Sequence
7
33
Degrees
2
23–1 PRN Sequence
7
33
Degrees
OUTPUT JITTER
1
2
7–1 PRN Sequence
0.6
1.0
Degrees rms
2
23–1 PRN Sequence
0.6
1.0
Degrees rms
JITTER TOLERANCE
1
f = 10 Hz
375
440
Unit Intervals p-p
f = 30 Hz
125
147
Unit Intervals p-p
f = 300 Hz
12.5
16
Unit Intervals p-p
f = 6.5 kHz
2.2
3.2
Unit Intervals p-p
f = 65 kHz
2.2
3.0
Unit Intervals p-p
f = 650 kHz
0.84
1.4
Unit Intervals p-p
f = 1.3 MHz
0.65
0.85
Unit Intervals p-p
JITTER TRANSFER
1
2
7–1 PRN Sequence
Peaking
0
0.1
2
dB
Bandwidth
10
kHz
RECOVERED CLOCK SKEW
TRCS
0.2
0.6
1.1
ns
TRANSITIONLESS DATA RUN
1
1000
500
Bit Periods
ACQUISITION TIME
2
7–1 PRN Sequence
30
44
Bit Periods
VCXO CONTROL OUTPUT RESISTANCE
1000
Ω
VCXO Control Voltage High Level (VCC – VOH)
No Load
1
1.3
Volts
VCXO Control Voltage Low Level (VOL – VEE)
No Load
0.8
1.15
Volts
POWER SUPPLY
Voltage (VMIN to VMAX)
–4.5
–5.2
–5.5
Volts
Current
TA = +25°C, VEE = –5.2 V
70
90
mA
95
mA
INPUT VOLTAGE LEVELS
TA = +25°C
Input Logic High, VIH
–1.08
–0.72
Volts
Input Logic Low, VIL
–1.95
–1.59
Volts
OUTPUT VOLTAGE LEVELS
TA = +25°C
Output Logic High, VOH
–1.08
–0.72
Volts
Output Logic Low, VOL
–1.95
–1.60
Volts
INPUT CURRENT LEVELS
TA = +25°C
Input Logic High, IIH
125
µA
Input Logic Low, IIL
80
µA
OUTPUT SLEW TIMES
TA = +25°C
Rise Time (tR)
20%–80%
0.75
1.5
ns
Fall Time (tF)
80%–20%
0.75
1.5
ns
BUFFERED CLOCK DISTORTION
(DUTY CYCLE DISTORTION)
ρ = 1/2, T
A = +25°C,
Recovered Clock Output
VEE = –5.2 V
±0.5
%
OPERATING TEMPERATURE RANGE
1
(TMIN to TMAX)
–40
+85
°C
VCXO CIRCUIT SPECIFICATIONS
Parameter
Condition
Min
Typ
Max
Units
CENTER FREQUENCY
155.52
MHz
CONTROL VOLTAGE
–4
–1
Volts
VCXO TUNING RANGE
±50
±70
ppm of Center Frequency
MODULATION BANDWIDTH
100
500
kHz
TRANSFER FUNCTION
Positive, Monotonic
N/A
NOTES
1These specifications reflect the performance of the circuit shown in Figure 12. VCXO circuit parameters critical to overall circuit performance are listed above.
2This specification results from tests accurate to
±0.1 dB, and from statistical analysis of the test results distribution. The AD805-VCXO circuit has no jitter peaking.
Reference the discussion in the THEORY OF OPERATION section.
Specifications subject to change without notice.
(VEE = VMIN to VMAX, TA = TMIN to TMAX ( unless otherwise noted)
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com