Electronic Components Datasheet Search
  English  ▼

X  

AD805 Datasheet(PDF) 3 Page - Analog Devices

Part # AD805
Description  DATA RETIMING PHASE LOCKED LOOP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD805 Datasheet(HTML) 3 Page - Analog Devices

  AD805 Datasheet HTML 1Page - Analog Devices AD805 Datasheet HTML 2Page - Analog Devices AD805 Datasheet HTML 3Page - Analog Devices AD805 Datasheet HTML 4Page - Analog Devices AD805 Datasheet HTML 5Page - Analog Devices AD805 Datasheet HTML 6Page - Analog Devices AD805 Datasheet HTML 7Page - Analog Devices AD805 Datasheet HTML 8Page - Analog Devices AD805 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
–3–
REV. 0
AD805
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –6 V
Input Voltage (Pin 19 or 20 to VEE) . . . . . . . . VEE to +300 mV
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Maximum Junction Temperature
Plastic DIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . 150
°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering 60 sec) . . . . . . . . . . . . . +300
°C
*Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only; functional operation
of the device at these or any other conditions above those indicated in the
operational section of the specification is not implied. Exposure to an absolute
maximum rating condition for an extended period may adversely affect device
reliability.
PIN CONFIGURATION
NOTES:
PIN 6 AND 18
ARE DIGITAL SUBSTRATE
AND SHOULD BE CONNECTED
TO PINS 7 AND 15 WHICH
ARE DIGITAL V
EE.
PIN 10 IS ANALOG SUBSTRATE
AND SHOULD BE CONNECTED
TO PIN 9, WHICH IS ANALOG V
EE.
DATAOUT
CLKOUT
DATAOUT
V
CC2
CLKOUT
SUBST
V
EE
V
CC1
AV
EE
ASUBST
CLKIN
CLKIN
SUBST
DATAIN
DATAIN
V
EE
V
CC1
AV
CC
VCXO
CONTROL
NC
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
TOP VIEW
(Not to Scale)
AD805
NC = NO CONNECT
T
RCS
DATAOUT 50%
CLKOUT 50%
Figure 1. Recovered Clock Skew (See Specifications Page)
PIN DESCRIPTIONS
Number Mnemonic
Description
1
DATAOUT
Differential Retimed Data Output
2
DATAOUT
Differential Retimed Data Output
3VCC2
Digital Ground
4
CLKOUT
Differential Recovered Clock Output
5
CLKOUT
Differential Recovered Clock Output
6
SUBST
Substrate
7VEE
Digital VEE
8VCC1
Digital Ground
9AVEE
Analog VEE
10
ASUBST
Analog Substrate
11
NC
No Connection
12
VCXO CONTROL
VCXO Control Voltage Output
13
AVCC
Analog Ground
14
VCC1
Digital Ground
15
VEE
Digital VEE
16
CLKIN
Differential Clock Input
17
CLKIN
Differential Clock Input
18
SUBST
Substrate
19
DATAIN
Differential Data Input
20
DATAIN
Differential Data Input
ORDERING GUIDE AND THERMAL CHARACTERISTICS
Operating
Package
Device
Description
Temperature
JA
Option
AD805BN
20-Pin Plastic DIP
–40
°C to +85°C80°C/W
N-20
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD805 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com