Electronic Components Datasheet Search
  English  ▼

X  

AD805 Datasheet(PDF) 6 Page - Analog Devices

Part # AD805
Description  DATA RETIMING PHASE LOCKED LOOP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD805 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD805 Datasheet HTML 2Page - Analog Devices AD805 Datasheet HTML 3Page - Analog Devices AD805 Datasheet HTML 4Page - Analog Devices AD805 Datasheet HTML 5Page - Analog Devices AD805 Datasheet HTML 6Page - Analog Devices AD805 Datasheet HTML 7Page - Analog Devices AD805 Datasheet HTML 8Page - Analog Devices AD805 Datasheet HTML 9Page - Analog Devices AD805 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD805
–6–
REV. 0
THEORY OF OPERATION
The AD805 is a delay- and phase- locked loop circuit for clock
recovery and data retiming from an NRZ-encoded data stream.
Figure 8 is a block diagram of the device shown with an external
VCXO. The AD805-VCXO circuit tracks the phase of the input
data using two feedback loops that share a common control
voltage. A high speed delay-locked loop path uses an on-chip
voltage-controlled phase shifter (VCPS) to track the high
frequency components of jitter on the input data. A separate
frequency control loop, using the external VCXO, tracks the low
frequency components of jitter on the input data.
VOLTAGE
CONTROLLED
PHASE
SHIFTER
PHASE
DETECTOR
LOOP
FILTER
RETIMING
MODULE
VCXO
(EXTERNAL)
RECOVERED
CLOCK
AD805
DATA
INPUT
INTERNAL LOOP
CONTROL VOLTAGE
VCXO
CONTROL VOLTAGE
RETIMED
DATA
Figure 8. AD805-VCXO Clock Recovery Block Diagram
The two loops work together to null out phase error. For
example, when the clock is behind the data, the phase detector
drives the VCXO to a higher frequency and also increases the
delay through the VCPS. These actions serve to reduce the
phase error. The faster clock picks up phase while the delayed
data loses phase. When considering a static phase error, it is
easy to see that since the control voltage is developed by a loop
integrator, the phase error will eventually reduce to zero.
Another view of the circuit is that the AD805 VCPS implements
the zero that is required to stabilize a second order phase-locked
loop and that the zero is placed in the feedback path so it does
not appear in the closed-loop transfer function. Jitter peaking in
an ordinary second order phase-locked loop is caused by the
presence of this zero in the closed-loop transfer function. Since
the AD805-VCXO circuit is free of any zero in its closed-loop
transfer function, the circuit is free of jitter peaking.
A linearized block diagram of the AD805-VCXO circuit is
shown in Figure 9. The two loops simultaneously provide wide-
band jitter accommodation and narrow-band jitter filtering.
∑
X
PHASE
SHIFTER
+
+
–
K
INT
VCO
1
s
Z
e
τ
Y
PHASE
DETECTOR
–
∑
1
s
Z(s)
X(s)
1
s2
K
+
τs + 1
=
e(s)
X(s)
s2
s2+ K
τs + K
=
Figure 9. AD805-VCXO Circuit Linearized Block Diagram
The jitter transfer function, Z(s)/X(s), is second order and low
pass, providing excellent filtering. Note that the jitter transfer
function has no zero, unlike ordinary second-order phase-locked
loops. This means that the circuit has fundamentally no jitter
peaking (see Figure 10). Having no jitter peaking makes this
circuit ideal for signal regeneration applications where jitter
peaking in any regenerative stage can contribute to hazardous
jitter accumulation.
(dB)
JITTER OUT
JITTER IN
0 dB
ORDINARY PLL
Y(s)
X(s)
s
LOW
s
HIGH
LOG
ω
1
τ
Z(s)
X(s)
AD805 – VCXO
Figure 10. Circuit Jitter Transfer Functions
The error transfer function, e(s)/X(s), has the same high pass
form as an ordinary phase-locked loop. This transfer function is
free to be optimized to give excellent wide-band jitter accommo-
dation since the jitter transfer function, Z(s)/X(s), provides the
narrow-band jitter filtering. The circuit has an error transfer
bandwidth of 3 MHz and a jitter transfer bandwidth of 10 kHz.
The circuit’s two loops contribute to overall jitter accommoda-
tion. At low frequencies, the integrator provides high gain so
that large jitter amplitudes can be tracked with small phase
errors between inputs of the phase detector. In this case, the
VCXO is frequency modulated and jitter is tracked as in an
ordinary phase-locked loop. The amount of low frequency jitter
that can be tracked is a function of the VCXO tuning range. A
wider tuning range corresponds to increased accommodation of
low frequency jitter. The internal loop control voltage remains
small for small phase errors, so the VCPS remains close to the
center of its range, contributing little to jitter accommodation.
At medium jitter frequencies, the gain and tuning range of the
VCXO are not enough to track input jitter. In this case the
VCXO control voltage input starts to hit the rails of its maxi-
mum voltage swing and the VCXO frequency output spends
most of the time at one or the other extreme of its tuning range.
The size of the VCXO tuning range therefore has a small effect
on the jitter accommodation. The AD805 internal loop control
voltage is now larger, so the VCPS takes on the burden of
tracking input jitter. The VCPS range (in UI) is seen as the
plateau on the jitter tolerance curve (Figure 11). The VCPS has
a minimum range of 2 UI.
100
10
0.1
0.1
1
10000
1000
100
10
1
FREQUENCY – kHz
AD805-VCXO
JITTER TOLERANCE
CCITT TYPE A MASK
Figure 11. Jitter Accommodation Design Limit
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com