Electronic Components Datasheet Search
  English  ▼

X  

AD805 Datasheet(PDF) 8 Page - Analog Devices

Part # AD805
Description  DATA RETIMING PHASE LOCKED LOOP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD805 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD805 Datasheet HTML 4Page - Analog Devices AD805 Datasheet HTML 5Page - Analog Devices AD805 Datasheet HTML 6Page - Analog Devices AD805 Datasheet HTML 7Page - Analog Devices AD805 Datasheet HTML 8Page - Analog Devices AD805 Datasheet HTML 9Page - Analog Devices AD805 Datasheet HTML 10Page - Analog Devices AD805 Datasheet HTML 11Page - Analog Devices AD805 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AD805
–8–
REV. 0
DATAOUT
1
DATAIN
0.1
µF
DIGITAL
GROUND
ANALOG
GROUND
–5.2V
–5.2V
–5.2V
R5 100
Ω
R6
100
Ω
DATAOUT
DATAOUT
R7 100
Ω
R8 100
Ω
R3
100
Ω
CLOCKOUT
CLOCKOUT
J1
J4
R1
100
Ω
R2
100
Ω
R4
100
Ω
R10
154
Ω
R9
154
Ω
R11
154
Ω
R12
154
Ω
–5.2V
C2
10
µF
C3
0.1
µF
C4
0.1
µF
C5
0.1
µF
C6
0.1
µF
C8
R15
130
Ω
R16
130
Ω
R13
80.6
Ω
R14
80.6
Ω
1
R19
130
Ω
R20
130
Ω
C11
0.1
µF
–5.2V
R17
80.6
Ω
R18
80.6
Ω
–5.2V
C10
0.1
µF
Z2
10H116
J5
–5.2V
DATAIN
DATAIN
–5.2V
C7
0.1
µF
–5.2V
VECTRON
CO-434V VCXO
–5.2V
C12
0.1
µF
R21
130
Ω
R22
130
Ω
R23
80.6
Ω
R24
80.6
Ω
–5.2V
C16
0.1
µF
DATAOUT
VCC2
CLKOUT
CLKOUT
SUBST
VEE
VCC1
AVEE
ASUBST
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
DATAIN
SUBST
CLKIN
CLKIN
VEE
VCC1
AVCC
VCXO
CONTROL
NC
2
3
4
5
6
7
8
NC = NO CONNECT
J2
J3
C9
0.1
µF
16
15
14
13
12
11
10
9
9
10
16
8
J6
Z3
AT&T
157-TYPE
VCXO
1
2
16
15
3
14
4
13
5
12
6
11
7
10
8
9
R25
1k
Ω
C1
1.0
µF
–5.2V
C13
0.1
µF
6
A B C
C
B
A
157
AT&T TYPE VCXO CIRCUIT
20mh
1nF
OPTIONAL
NOTCH
FILTER*
*
A NOTCH FILTER MAY BE USED TO
FILTER A VCXO CIRCUIT'S SPURIOUS
RESPONSE EFFECTIVELY.
AD805
Z1
Figure 12. Evaluation Board Schematic, Negative Supply
Figure 13. Evaluation Board, Component Side
Figure 14. Evaluation Board, Solder Side
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com