Electronic Components Datasheet Search
  English  ▼

X  

AD805 Datasheet(PDF) 10 Page - Analog Devices

Part # AD805
Description  DATA RETIMING PHASE LOCKED LOOP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD805 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD805 Datasheet HTML 4Page - Analog Devices AD805 Datasheet HTML 5Page - Analog Devices AD805 Datasheet HTML 6Page - Analog Devices AD805 Datasheet HTML 7Page - Analog Devices AD805 Datasheet HTML 8Page - Analog Devices AD805 Datasheet HTML 9Page - Analog Devices AD805 Datasheet HTML 10Page - Analog Devices AD805 Datasheet HTML 11Page - Analog Devices AD805 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD805
–10–
REV. 0
DATAOUT
1
DATAIN
0.1
µF
DIGITAL
GROUND
ANALOG
GROUND
–5.2V
–5.2V
–5.2V
R5 100
Ω
R6
100
Ω
DATAOUT
DATAOUT
R7 100
Ω
R8 100
Ω
R3
100
Ω
CLOCKOUT
CLOCKOUT
J1
J4
R1
100
Ω
R2
100
Ω
R4
100
Ω
R10
154
Ω
R9
154
Ω
R11
154
Ω
R12
154
Ω
–5.2V
C2
10
µF
C3
0.1
µF
C4
0.1
µF
C5
0.1
Ω
C6
0.1
µF
C8
R15
130
Ω
R16
130
Ω
R13
80.6
Ω
R14
80.6
Ω
1
R19
130
Ω
R20
130
Ω
–5.2V
R17
80.6
Ω
R18
80.6
Ω
C10
0.1
µF
Z2
10H116
J5
–5.2V
DATAIN
DATAIN
–5.2V
C7
0.1
µF
–5.2V
–5.2V
C12
0.1
µF
R35
130
Ω
R34
130
Ω
DATAOUT
VCC2
CLKOUT
CLKOUT
SUBST
VEE
VCC1
AVEE
ASUBST
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
DATAIN
SUBST
CLKIN
CLKIN
VEE
VCC1
AVCC
VCXO
CONTROL
NC
2
3
4
5
6
7
8
NC = NO CONNECT
J2
J3
C9
0.1
µF
16
15
14
13
12
11
10
9
C11
0.1
µF
J6
R33
80.6
Ω
R32
80.6
Ω
R 80.6
Ω
R30
10k
Ω
R31
10k
Ω
C21
0.47
µF
R28
10k
Ω
R29
10k
Ω
C20
0.47
µF
C19
0.47
µF
7
6
10
9
15
14
13
12
8
16
3
2
5
4
1
R26
274
Ω
R27
274
Ω
C17
0.1
µF
R24
274
Ω
R25
274
Ω
C16
0.1
µF
–5.2V
–5.2V
C10
0.1
µF
C15
1nF
C14
1nF
R23
590
Ω
1/3 Z3 10H116
TOYOCOM
TQS-610J-6R
R22
590
Ω
C13
0.1
µF
R21
226
Ω
L1
1
µh
T50-10 CORE,
18 TURNS
–5.2V
1/3 Z3
1/3 Z3
AD805
Z1
Figure 17. AD805-SAW Filter Clock Recovery and Data Retiming Circuit Schematic
Table II. AD805-SAW Filter Clock Recovery and Data Retiming Components List
Reference
Designator
Description
Quantity
R1–R8
Resistor, 100
Ω, 1%
8
R9–R12
Resistor, 154
Ω, 1%
4
R13, R14, R17, R18, R32, R33
Resistor, 80.6
Ω, 1%
6
R15, R16, R19, R20, R34, R35
Resistor, 130
Ω, 1%
6
R21
Resistor, 226
Ω, 1%
1
R22, R23
Resistor, 590
Ω, 1%
2
R24–R27
Resistor, 274
Ω, 1%
4
R28–R31
Resistor, 10 k
Ω, 1%
4
C2
10
µF, Tantalum
1
C3–C13, C16–C18
0.1
µF, Ceramic Chip
14
C14, C15
1 nF
2
C19–C21
0.47 mF
3
L1
1
µh, T50-10 Core, 18 Turns,
1
Micrometals, Inc.
Z1
AD805
1
Z2, Z3
1OH116, ECL Line Receiver
2
Z4
Toyocom TQS-610J-6R SAW
1
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com