Electronic Components Datasheet Search
  English  ▼

X  

ADV3002 Datasheet(PDF) 4 Page - Analog Devices

Part # ADV3002
Description  4:1 HDMI/DVI Switch with Equalization DDC/CEC Buffers and EDID Replication
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3002 Datasheet(HTML) 4 Page - Analog Devices

  ADV3002 Datasheet HTML 1Page - Analog Devices ADV3002 Datasheet HTML 2Page - Analog Devices ADV3002 Datasheet HTML 3Page - Analog Devices ADV3002 Datasheet HTML 4Page - Analog Devices ADV3002 Datasheet HTML 5Page - Analog Devices ADV3002 Datasheet HTML 6Page - Analog Devices ADV3002 Datasheet HTML 7Page - Analog Devices ADV3002 Datasheet HTML 8Page - Analog Devices ADV3002 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ADV3002
Data Sheet
Rev. B | Page 4 of 28
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
CEC CHANNEL
Input Capacitance, C
AUX
DC bias = 1.65 V, ac voltage = 2.5 V p-p, f = 100 kHz
5
15
pF
Input Low Voltage, V
IL
0.8
V
Input High Voltage, V
IH
2.0
V
Output Low Voltage, V
OL
I
OL = 3 mA
0.1
0.6
V
Output High Voltage, V
OH
2.5
V
Rise Time
10% to 90%, C
LOAD = 1500 pF, RPULL-UP = 27 kΩ; or CLOAD = 7200 pF,
R
PULL-UP = 3 kΩ
75
250
µs
Fall Time
90% to 10%, C
LOAD = 1500 pF, RPULL-UP = 27 kΩ; or CLOAD = 7200 pF,
R
PULL-UP = 3 kΩ
0.2
50
µs
Pull-Up Resistance
26
kΩ
Leakage
Off-leakage test conditions1
1.8
µA
HOT PLUG DETECT
Output Low Voltage, V
OL
R
PU = 800 Ω
0.25
0.4
V
1 Off leakage test conditions are described in the HDMI Compliance Test Specification 1.3c Section 8, Test ID 8-14. To measure CEC leakage, connect the CEC line to
3.63 V via 26 kΩ ± 5 % resistor with an ammeter in series and with the power mains disabled.
POWER SUPPLY AND CONTROL LOGIC SPECIFICATIONS
Table 3.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
POWER SUPPLY
AVCC
Operating range (3.3 V ± 10%)
3.0
3.3
3.6
V
P5V_x
4.7
5
5.5
V
AMUXVCC
Output voltage, total load1 = 50 mA
4.0
5
5.5
V
QUIESCENT CURRENT
AVCC
Outputs disabled
40
60
mA
Outputs enabled
170
150
mA
P5V_x
Main power on
0.5
10
mA
Main power off
20
30
mA
AMUXVCC
Main power on
20
30
mA
Main power off
0.5
10
mA
POWER DISSIPATION
Outputs disabled
232
381
mW
Outputs enabled
661
885
mW
I2C® AND LOGIC INPUTS2
Input High Voltage, V
IH
2.4
V
Input Low Voltage, V
IL
1.0
V
I2C AND LOGIC OUTPUTS2
Output High Voltage, V
OH
I
OH = −2 mA
AVCC
V
Output Low Voltage, V
OL
I
OL = +2 mA
0.4
V
1 The total load current includes current drawn by the ADV3002 as well as external devices powered from the AMUXVCC supply.
2 The ADV3002 I2C control and logic input pins are listed as Control in the Type column in Table 6. I2C pins are 5 V tolerant and based on the 3.3 V I2C bus specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com