Electronic Components Datasheet Search
  English  ▼

X  

ADV3002 Datasheet(PDF) 24 Page - Analog Devices

Part # ADV3002
Description  4:1 HDMI/DVI Switch with Equalization DDC/CEC Buffers and EDID Replication
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3002 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADV3002 Datasheet HTML 20Page - Analog Devices ADV3002 Datasheet HTML 21Page - Analog Devices ADV3002 Datasheet HTML 22Page - Analog Devices ADV3002 Datasheet HTML 23Page - Analog Devices ADV3002 Datasheet HTML 24Page - Analog Devices ADV3002 Datasheet HTML 25Page - Analog Devices ADV3002 Datasheet HTML 26Page - Analog Devices ADV3002 Datasheet HTML 27Page - Analog Devices ADV3002 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
ADV3002
Data Sheet
Rev. B | Page 24 of 28
CABLE LENGTHS AND EQUALIZATION
The ADV3002 offers two levels of programmable equalization
for the high speed inputs: 4 dB and 16 dB. The equalizer of the
ADV3002 supports video data rates of up to 2.25 Gbps and can
equalize more than 15 meters of 24 AWG HDMI cable at
2.25 Gbps, which corresponds to the video format, 1080p with 12-
bit Deep Color. The length of cable that can be used in a typical
HDMI/ DVI application depends on a large number of factors
including
•
Cable quality: the quality of the cable in terms of conductor
wire gauge and shielding. Thicker conductors have lower
signal degradation per unit length.
•
Data rate: the data rate being sent over the cable. The signal
degradation of HDMI cables increases with data rate.
•
Edge rates: the edge rates of the source input. Slower input
edges result in more significant data eye closure at the end
of a cable.
•
Receiver sensitivity: the sensitivity of the terminating
receiver.
As such, no particular equalizer setting is recommended for
specific cable types or lengths. In nearly all applications, the
ADV3002 equalization level can be set to high, or 18 dB, for all
input cable configurations at all data rates, without degrading the
signal integrity.
PCB LAYOUT GUIDELINES
The ADV3002 switches two distinctly different types of signals,
both of which are required for HDMI and DVI video. These
signal groups require different treatment when laying out a PCB.
The first group of signals carries the A/V data. HDMI/DVI video
signals are differential, unidirectional, and high speed (up
to 2.25 Gbps). The channels that carry the video data must be
controlled impedance, terminated at the receiver, and capable of
operating up to at least 2.25 Gbps. It is especially important to
note that the differential traces that carry the TMDS signals should
be designed with a controlled differential impedance of 100 Ω. The
ADV3002 provides single-ended 50 Ω terminations on-chip for
both its inputs and outputs, and both the input and output
terminations can be enabled or disabled through the serial
interface. Output termination is recommended but not required by
the HDMI standard but its inclusion improves the overall system
signal integrity.
The A/V data carried on these high speed channels is encoded
by a technique called TMDS, and in the case of HDMI, is also
encrypted according to the HDCP standard.
The second group of signals consists of low speed auxiliary
control signals used for communication between a source and a
sink. Depending upon the application, these signals can include
the DDC bus (this is an I2C bus used to send EDID information
and HDCP encryption keys between the source and the sink),
the CEC line, and the HPD line. These auxiliary signals are
bidirectional, low speed, and transferred over a single-ended
transmission line that does not need to have controlled impedance.
The primary concern with laying out the auxiliary lines is ensuring
that they conform to the I2C bus standard and do not have
excessive capacitive loading.
TMDS Signals
In the HDMI/DVI standard, four differential pairs carry the
TMDS signals. In DVI, three of these pairs are dedicated to
carrying RGB video and sync data. For HDMI, audio data
interleaves with the video data; the DVI standard does not incor-
porate audio information. The fourth high speed differential pair
is used for the A/V data-word clock, and runs at one-tenth the
speed of the TMDS data channels.
The ADV3002 buffers the TMDS signals, and the input traces
can be considered electrically independent of the output traces.
In most applications, the quality of the signal on the input
TMDS traces are more sensitive to the PCB layout. Regardless
of the data being carried on a specific TMDS channel, or
whether the TMDS line is at the input or the output of the
ADV3002, all four high speed signals should be routed on a
PCB in accordance with the same RF layout guidelines.
Layout for the TMDS Signals
The TMDS differential pairs can be either microstrip traces
(routed on the outer layer of a board) or stripline traces (routed
on an internal layer of the board). If microstrip traces are used,
there should be a continuous reference plane on the PCB layer
directly below the traces. If stripline traces are used, they must
be sandwiched between two continuous reference planes in the
PCB stack-up. Additionally, the p and n of each differential pair
must have a controlled differential impedance of 100 Ω. The
characteristic impedance of a differential pair is a function of
several variables including the trace width, the distance separating
the two traces, the spacing between the traces and the reference
plane, and the dielectric constant of the PCB binder material.
Interlayer vias introduce impedance discontinuities that can
cause reflections and jitter on the signal path; therefore, it is
preferable to route the TMDS lines exclusively on one layer of the
board, particularly for the input traces. Additionally, to prevent
unwanted signal coupling and interference, route the TMDS
signals away from other signals and noise sources on the PCB.
Both traces of a given differential pair must be equal in length
to minimize intrapair skew. Maintaining the physical symmetry
of a differential pair is integral to ensuring its signal integrity;
excessive intrapair skew can introduce jitter through duty cycle
distortion (DCD). Always route the p and n of a given differen-
tial pair together to establish the required 100 Ω differential
impedance. Leave enough space between the differential pairs
of a given group to prevent the n of one pair from coupling with
the p of another pair. For example, one technique is to make the
interpair distance four to 10 times wider than the intrapair spacing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com