Electronic Components Datasheet Search
  English  ▼

X  

ADV3002 Datasheet(PDF) 20 Page - Analog Devices

Part # ADV3002
Description  4:1 HDMI/DVI Switch with Equalization DDC/CEC Buffers and EDID Replication
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3002 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADV3002 Datasheet HTML 16Page - Analog Devices ADV3002 Datasheet HTML 17Page - Analog Devices ADV3002 Datasheet HTML 18Page - Analog Devices ADV3002 Datasheet HTML 19Page - Analog Devices ADV3002 Datasheet HTML 20Page - Analog Devices ADV3002 Datasheet HTML 21Page - Analog Devices ADV3002 Datasheet HTML 22Page - Analog Devices ADV3002 Datasheet HTML 23Page - Analog Devices ADV3002 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
ADV3002
Data Sheet
Rev. B | Page 20 of 28
Address
Default
Register Name
Bit
Bit Name
Description
0x06
0x00
Hot plug detect manual
7:5
Unused
Unused
override control
4
HPD_SRC
0: hot plug detect control is automatic; pulse width set by
hot plug detect pulse width control register
1: hot plug detect control is manual; hot plug detect state
is set by HPD_CTL[3:0]
3:0
HPD_CTL[3:0]
0000: HPD outputs are high impedance (pulled up to 5 V
via external resistor)
0001: HPD_A = low if HPD_SRC = 1
0010: HPD_B = low if HPD_SRC = 1
0100: HPD_C = low if HPD_SRC = 1
1000: HPD_D = low if HPD_SRC = 1
1111: all HPD outputs = low if HPD_SRC = 1
0x07
0x00
Loss of signal detect control
7:6
Unused
Unused
5:4
LOS_THR[1:0]
00: LOS Threshold 0
01: LOS Threshold 1
10: LOS Threshold 2
11: LOS Threshold 3
3
Unused
Unused
2
LOS_RX_EN
0: TMDS autosquelch disabled
1: TMDS autosquelch enabled
1
Reserved
Reserved; set to 0
0
LOS_EN
0: LOS detect disabled
1: LOS detect enabled
0x0E
0x00
EDID replication mode
7:1
Unused
Unused
(write only)
0
EDID_REPL_EN
0: EDID replicator enabled; for use with an external EEPROM
(write only)
1: EDID replicator disabled; external microcontroller can
write the SRAM; write only
0x0F
0x00
EDID EEPROM write
protect password
(write only)
7:0
PASSWD[7:0]
0x00: write protect enabled; EDID EEPROM writes not allowed
(write only)
0x96: write protect disabled; EDID EEPROM writes from Port A
or I2C control are allowed; write only
0x10
0x00
Loss of signal detect status
7:4
Unused
Unused
3:0
LOS_STATUS[3:0]
0000: TMDS active on all inputs
(read only)
0001: loss of signal detected on Input A
0010: loss of signal detected on Input B
0100: loss of signal detected on Input C
1000: loss of signal detected on Input D
1111: loss of signal detected on all inputs
0xFE
0x03
Revision
7:0
REV[7:0] (read only)
0x03: read only
0xFF
0xC2
Device ID
7:0
ID[7:0] (read only)
0xC2: read only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com