Electronic Components Datasheet Search
  English  ▼

X  

ADV3002 Datasheet(PDF) 2 Page - Analog Devices

Part # ADV3002
Description  4:1 HDMI/DVI Switch with Equalization DDC/CEC Buffers and EDID Replication
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3002 Datasheet(HTML) 2 Page - Analog Devices

  ADV3002 Datasheet HTML 1Page - Analog Devices ADV3002 Datasheet HTML 2Page - Analog Devices ADV3002 Datasheet HTML 3Page - Analog Devices ADV3002 Datasheet HTML 4Page - Analog Devices ADV3002 Datasheet HTML 5Page - Analog Devices ADV3002 Datasheet HTML 6Page - Analog Devices ADV3002 Datasheet HTML 7Page - Analog Devices ADV3002 Datasheet HTML 8Page - Analog Devices ADV3002 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
ADV3002
Data Sheet
Rev. B | Page 2 of 28
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Functional Block Diagram .............................................................. 1
Product Highlights ........................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
TMDS Performance Specifications............................................ 3
Auxiliary Channel Performance Specifications ....................... 3
Power Supply and Control Logic Specifications ...................... 4
Absolute Maximum Ratings............................................................ 5
Thermal Resistance ...................................................................... 5
ESD Caution.................................................................................. 5
Pin Configuration and Function Descriptions............................. 6
Typical Performance Characteristics ............................................. 8
Theory of Operation ...................................................................... 12
TMDS Input Channels............................................................... 12
TMDS Output Channels ........................................................... 12
DDC Buffers................................................................................ 13
EDID Replication ....................................................................... 13
5 V Combiner ............................................................................. 15
CEC Buffer .................................................................................. 16
Hot Plug Detect Control ........................................................... 16
Loss of Signal Detect.................................................................. 16
Serial Control Interface ................................................................. 17
Reset............................................................................................. 17
Write Procedure.......................................................................... 17
Read Procedure........................................................................... 18
Register Map ................................................................................... 19
Applications Information .............................................................. 21
HDMI Multiplexer for Advanced TV...................................... 21
Cable Lengths and Equalization............................................... 24
PCB Layout Guidelines.............................................................. 24
Outline Dimensions....................................................................... 27
Ordering Guide .......................................................................... 27
REVISION HISTORY
8/12—Rev. A to Rev. B
Changed Data Rate = 3 Gbps to
Data Rate = 2.25 Gbps................................................... Throughout
Changes to Features Section and Product Highlights Section ... 1
Changes to Table 1............................................................................ 3
Changes to specifications statements in Typical Performance
Characteristics Section..................................................................... 8
Changes to Theory of Operation Section.................................... 12
Changes to Cable Lengths and Equalization Section and
PCB Layout Guidelines Section.................................................... 24
Added Unused DDC/CEC Buffers Section................................. 26
8/11—Rev. 0 to Rev. A
Changed Data Rate = 2.25 Gbps to
Data Rate = 3 Gbps........................................................ Throughout
Changes to Features Section and Product Highlights Section....1
Changes to Table 1.............................................................................3
Changes to Figure 4 Caption and Figure 6 Caption .....................8
Added Figure 5 and Figure 7; Renumbered Sequentially ............8
Moved Figure 8 and Figure 10.........................................................9
Changes to Figure 8 Caption and Figure 10 Caption ...................9
Added Figure 9 and Figure 11 .........................................................9
Changes to Figure 12 and Figure 15 ............................................ 10
Changes to TMDS Input Channels Section and TMDS Output
Channels Section ............................................................................ 12
Changes to Figure 31...................................................................... 16
Changes to Cable Lengths and Equalization Section ................ 24
12/08—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com