Electronic Components Datasheet Search
  English  ▼

X  

ADV3002 Datasheet(PDF) 11 Page - Analog Devices

Part # ADV3002
Description  4:1 HDMI/DVI Switch with Equalization DDC/CEC Buffers and EDID Replication
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3002 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADV3002 Datasheet HTML 7Page - Analog Devices ADV3002 Datasheet HTML 8Page - Analog Devices ADV3002 Datasheet HTML 9Page - Analog Devices ADV3002 Datasheet HTML 10Page - Analog Devices ADV3002 Datasheet HTML 11Page - Analog Devices ADV3002 Datasheet HTML 12Page - Analog Devices ADV3002 Datasheet HTML 13Page - Analog Devices ADV3002 Datasheet HTML 14Page - Analog Devices ADV3002 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet
ADV3002
Rev. B | Page 11 of 28
100
90
80
70
60
50
40
30
20
10
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
DIFFERENTIAL INPUT SWING (V)
EQ = 18dB
Figure 18. Deterministic Jitter vs. Input Swing
250
200
150
100
50
0
0
10
20
30
40
50
60
70
80
TEMPERATURE (°C)
DATA RISE TIME @ 2.25Gbps
DATA FALL TIME @ 2.25Gbps
CLOCK RISE TIME @ 225MHz
CLOCK FALL TIME @ 225MHz
Figure 19. Rise/Fall Time vs. Temperature
100
90
80
70
60
50
40
30
20
10
0
0
10
20
30
40
50
60
70
80
TEMPERATURE (°C)
Figure 20. Termination Resistance vs. Temperature
100
90
80
70
60
50
40
30
20
10
0
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
INPUT COMMON-MODE VOLTAGE (V)
DETERMINISTIC JITTER
RANDOM JITTER
Figure 21. Jitter vs. Input Common-Mode Voltage
0.6
0.5
0.4
0.3
0.2
0.1
0
0
2
4
6
8
10
LOAD CURRENT (mA)
DDC
CEC
HPD
Figure 22. Output Logic Low Voltage vs. Load Current (DDC, CEC, and HPD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com