Electronic Components Datasheet Search
  English  ▼

X  

LPC84X Datasheet(PDF) 3 Page - NXP Semiconductors

Part # LPC84X
Description  32-bit Arm® Cortex®-M0 microcontroller;
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC84X Datasheet(HTML) 3 Page - NXP Semiconductors

  LPC84X Datasheet HTML 1Page - NXP Semiconductors LPC84X Datasheet HTML 2Page - NXP Semiconductors LPC84X Datasheet HTML 3Page - NXP Semiconductors LPC84X Datasheet HTML 4Page - NXP Semiconductors LPC84X Datasheet HTML 5Page - NXP Semiconductors LPC84X Datasheet HTML 6Page - NXP Semiconductors LPC84X Datasheet HTML 7Page - NXP Semiconductors LPC84X Datasheet HTML 8Page - NXP Semiconductors LPC84X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 97 page
background image
LPC84x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 1.7 — 27 February 2018
3 of 97
NXP Semiconductors
LPC84x
32-bit Arm Cortex-M0+ microcontroller
Free Running Oscillator (FRO). This oscillator provides a selectable 18 MHz, 24
MHz, and 30 MHz outputs that can be used as a system clock. Also, these outputs
can be divided down to 1.125 MHz, 1.5 MHz, 1.875 MHz, 9 MHz, 12 MHz, and 15
MHz for system clock. The FRO is trimmed to
1 % accuracy over the entire
voltage and temperature range of 0 C to 70 C.
Low power boot at 1.5 MHz using FAIM memory.
External clock input for clock frequencies of up to 25 MHz.
Crystal oscillator with an operating range of 1 MHz to 25 MHz.
Low power oscillator can be used as a clock source to the watchdog timer.
Programmable watchdog oscillator with a frequency range of 9.4 kHz to 2.3 MHz.
PLL allows CPU operation up to the maximum CPU rate without the need for a
high-frequency crystal. May be run from the system oscillator, the external clock
input, or the internal FRO.
Clock output function with divider that can reflect all internal clock sources.
Power control:
Reduced power modes: sleep mode, deep-sleep mode, power-down mode, and
deep power-down mode.
Wake-up from deep-sleep and power-down modes on activity on USART, SPI, and
I2C peripherals.
Timer-controlled self wake-up from deep power-down mode.
Power-On Reset (POR).
Brownout detect (BOD).
Unique device serial number for identification.
Single power supply (1.8 V to 3.6 V).
Operating temperature range -40 °C to +105 °C.
Available in LQFP64, LQFP48, HVQFN48, and HVQFN33 packages.
3. Applications
Sensor gateways
Simple motor control
Industrial
Portables and wearables
Gaming controllers
Lighting
8/16-bit applications
Motor control
Consumer
Fire and security applications
Climate control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com