Electronic Components Datasheet Search
  English  ▼

X  

LPC84X Datasheet(PDF) 44 Page - NXP Semiconductors

Part # LPC84X
Description  32-bit Arm® Cortex®-M0 microcontroller;
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC84X Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button LPC84X Datasheet HTML 40Page - NXP Semiconductors LPC84X Datasheet HTML 41Page - NXP Semiconductors LPC84X Datasheet HTML 42Page - NXP Semiconductors LPC84X Datasheet HTML 43Page - NXP Semiconductors LPC84X Datasheet HTML 44Page - NXP Semiconductors LPC84X Datasheet HTML 45Page - NXP Semiconductors LPC84X Datasheet HTML 46Page - NXP Semiconductors LPC84X Datasheet HTML 47Page - NXP Semiconductors LPC84X Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 97 page
background image
LPC84x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 1.7 — 27 February 2018
44 of 97
NXP Semiconductors
LPC84x
32-bit Arm Cortex-M0+ microcontroller
10. Thermal characteristics
The average chip junction temperature, Tj (C), can be calculated using the following
equation:
(1)
• Tamb = ambient temperature (C),
• Rth(j-a) = the package junction-to-ambient thermal resistance (C/W)
• PD = sum of internal and I/O power dissipation
The internal power dissipation is the product of IDD and VDD. The I/O power dissipation of
the I/O pins is often small and many times can be negligible. However it can be significant
in some applications.
T
j
T
amb
P
D
R
th j
a
–


+
=
Table 10.
Thermal resistance
Symbol Parameter
Conditions
Max/min
Unit
HVQFN33 package
Rth(j-a)
thermal resistance from junction-to-ambient
JEDEC (4.5 in
 4 in); still air
40
 15 %
C/W
single-layer (4.5 in
 3 in); still air
114
 15 %
C/W
Rth(j-c)
thermal resistance from junction-to-case
20
 15 %
C/W
HVQFN48 package
Rth(j-a)
thermal resistance from junction-to-ambient
JEDEC (4.5 in
 4 in); still air
35
 15 %
C/W
single-layer (4.5 in
 3 in); still air
85
 15 %
C/W
Rth(j-c)
thermal resistance from junction-to-case
9
 15 %
C/W
LQFP48 package
Rth(j-a)
thermal resistance from junction-to-ambient
JEDEC (4.5 in
 4 in); still air
82
 15 %
C/W
single-layer (4.5 in
 3 in); still air
115
 15 %
C/W
Rth(j-c)
thermal resistance from junction-to-case
30
 15 %
C/W
LQFP64 package
Rth(j-a)
thermal resistance from junction-to-ambient
JEDEC (4.5 in
 4 in); still air
59
 15 %
C/W
single-layer (4.5 in
 3 in); still air
82
 15 %
C/W
Rth(j-c)
thermal resistance from junction-to-case
18
 15 %
C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com