Electronic Components Datasheet Search
  English  ▼

X  

LPC84X Datasheet(PDF) 6 Page - NXP Semiconductors

Part # LPC84X
Description  32-bit Arm® Cortex®-M0 microcontroller;
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC84X Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button LPC84X Datasheet HTML 2Page - NXP Semiconductors LPC84X Datasheet HTML 3Page - NXP Semiconductors LPC84X Datasheet HTML 4Page - NXP Semiconductors LPC84X Datasheet HTML 5Page - NXP Semiconductors LPC84X Datasheet HTML 6Page - NXP Semiconductors LPC84X Datasheet HTML 7Page - NXP Semiconductors LPC84X Datasheet HTML 8Page - NXP Semiconductors LPC84X Datasheet HTML 9Page - NXP Semiconductors LPC84X Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 97 page
background image
LPC84x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 1.7 — 27 February 2018
6 of 97
NXP Semiconductors
LPC84x
32-bit Arm Cortex-M0+ microcontroller
6. Block diagram
Gray-shaded blocks show peripherals that can provide hardware triggers or fixed DMA requests for DMA transfers.
Fig 3.
LPC84x block diagram
aaa-022793
CLKOUT
Vdd
CLKIN
XTALIN
XTALOUT
SWD Port
JTAG Test and
Boundary Scan
interface
RESET
Clock Generation,
Power Control,
and other
System Functions
Voltage Regulator
DEBUG
INTERFACE
IOP bus
GPIOs
GPIOs AND
GPOINT
Flash
interface
Flash
64 kB
General
Purpose
DMA
controller
MTB slave
interface
DMA
registers
CRC
Multilayer
AHB Matrix
AHB to
APB bridge
FAIM
256-bit
T0 Match/
Capture
P0
M1
M0
P1
P2
P4
P3
I2C2,3
COMP
Inputs
ADC Inputs
and Triggers
DAC1 outputs
DAC0 outputs
PIOs
UART0,1,2, 3,4
CAPT
SPI0,1
I2C0,1
APB slave group
Watchdog
Osc
Windowed WDT
Note:
SCT Timer/
PWM
ARM
Cortex M0+
System control
IOCON Registers
Flash Registers (NVMC)
CTIMER32
I2Cs 2 and 3
UARTs 0-4
CapTouch
SPIs 0 and 1
I2Cs 0 and 1
Periph Input Mux Selects
Comparator
PMU Registers
12-bit ADC
10-bit DAC1
10-bit DAC0
FAIM Registers
Switch Matrix
Wakeup Timer
Multi-Rate Timer
Boot ROM
16 kB
SRAM/MTB
8 kB
SRAM
8 kB
Yellow shaded blocks support general purpose DMA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com