Electronic Components Datasheet Search
  English  ▼

X  

LPC84X Datasheet(PDF) 69 Page - NXP Semiconductors

Part # LPC84X
Description  32-bit Arm® Cortex®-M0 microcontroller;
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC84X Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button LPC84X Datasheet HTML 65Page - NXP Semiconductors LPC84X Datasheet HTML 66Page - NXP Semiconductors LPC84X Datasheet HTML 67Page - NXP Semiconductors LPC84X Datasheet HTML 68Page - NXP Semiconductors LPC84X Datasheet HTML 69Page - NXP Semiconductors LPC84X Datasheet HTML 70Page - NXP Semiconductors LPC84X Datasheet HTML 71Page - NXP Semiconductors LPC84X Datasheet HTML 72Page - NXP Semiconductors LPC84X Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 97 page
background image
LPC84x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 1.7 — 27 February 2018
69 of 97
NXP Semiconductors
LPC84x
32-bit Arm Cortex-M0+ microcontroller
13. Characteristics of analog peripherals
13.1 BOD
[1]
Interrupt levels are selected by writing the level value to the BOD control register BODCTRL, see the
LPC84x user manual. Interrupt level 0 is reserved.
Table 26.
BOD static characteristics[1]
Tamb =25 C.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Vth
threshold voltage
interrupt level 1
assertion
-
2.25
-
V
de-assertion
-
2.38
-
V
interrupt level 2
assertion
-
2.55
-
V
de-assertion
-
2.66
-
V
interrupt level 3
assertion
-
2.84
-
V
de-assertion
-
2.92
-
V
reset level 0
assertion
-
1.84
-
V
de-assertion
-
1.97
-
V
reset level 1
assertion
-
2.05
-
V
de-assertion
-
2.18
-
V
reset level 2
assertion
-
2.35
-
V
de-assertion
-
2.47
-
V
reset level 3
assertion
-
2.63
-
V
de-assertion
-
2.76
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com