Electronic Components Datasheet Search
  English  ▼

X  

LPC84X Datasheet(PDF) 84 Page - NXP Semiconductors

Part # LPC84X
Description  32-bit Arm® Cortex®-M0 microcontroller;
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC84X Datasheet(HTML) 84 Page - NXP Semiconductors

Back Button LPC84X Datasheet HTML 80Page - NXP Semiconductors LPC84X Datasheet HTML 81Page - NXP Semiconductors LPC84X Datasheet HTML 82Page - NXP Semiconductors LPC84X Datasheet HTML 83Page - NXP Semiconductors LPC84X Datasheet HTML 84Page - NXP Semiconductors LPC84X Datasheet HTML 85Page - NXP Semiconductors LPC84X Datasheet HTML 86Page - NXP Semiconductors LPC84X Datasheet HTML 87Page - NXP Semiconductors LPC84X Datasheet HTML 88Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 97 page
background image
LPC84x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 1.7 — 27 February 2018
84 of 97
NXP Semiconductors
LPC84x
32-bit Arm Cortex-M0+ microcontroller
Fig 42. Package outline HVQFN33 (5 x 5 x 0.85 mm)
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
MO-220
hvqfn33f_po
11-10-11
11-10-17
Unit(1)
mm
max
nom
min
0.85
0.05
0.00
0.2
5.1
4.9
3.75
3.45
5.1
4.9
3.75
3.45
0.5
3.5
A1
Dimensions (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.075 mm maximum per side are not included.
HVQFN33: plastic thermal enhanced very thin quad flat package; no leads;
32 terminals; body 5 x 5 x 0.85 mm
bc
0.30
0.18
D(1)
A(1)
Dh
E(1)
Eh
ee1
e2
L
3.5
vw
0.1
0.1
y
0.05
0.5
0.3
y1
0.05
0
2.5
5 mm
scale
1/2 e
A
C
B
v
C
w
terminal 1
index area
A
A1
c
detail X
y
y1 C
e
L
Eh
Dh
e
e1
b
916
32
25
24
17
8
1
X
D
E
C
B
A
e2
terminal 1
index area
1/2 e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com