Electronic Components Datasheet Search
  English  ▼

X  

LPC84X Datasheet(PDF) 55 Page - NXP Semiconductors

Part # LPC84X
Description  32-bit Arm® Cortex®-M0 microcontroller;
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC84X Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button LPC84X Datasheet HTML 51Page - NXP Semiconductors LPC84X Datasheet HTML 52Page - NXP Semiconductors LPC84X Datasheet HTML 53Page - NXP Semiconductors LPC84X Datasheet HTML 54Page - NXP Semiconductors LPC84X Datasheet HTML 55Page - NXP Semiconductors LPC84X Datasheet HTML 56Page - NXP Semiconductors LPC84X Datasheet HTML 57Page - NXP Semiconductors LPC84X Datasheet HTML 58Page - NXP Semiconductors LPC84X Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 97 page
background image
LPC84x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 1.7 — 27 February 2018
55 of 97
NXP Semiconductors
LPC84x
32-bit Arm Cortex-M0+ microcontroller
IOZ
OFF-state output
current
VO =0V; VO =VDD; on-chip
pull-up/down resistors disabled
-0.5
10[2]
nA
VI
input voltage
VDD  1.8 V
0
-
5.0
V
VDD = 0 V
0
-
3.6
V
VO
output voltage
output active
0
-
VDD
V
VIH
HIGH-level input
voltage
0.7VDD
--
V
VIL
LOW-level input voltage
-
-
0.3VDD V
Vhys
hysteresis voltage
-
0.4
-
V
VOH
HIGH-level output
voltage
IOH = 20 mA; 2.5 V <= VDD < 3.6 V
VDD  0.5 -
-
V
IOH = 12 mA; 1.8 V <= VDD < 2.5 V
VDD  0.5 -
-
V
VOL
LOW-level output
voltage
IOL =4 mA
2.5 V <= VDD < 3.6 V
--
0.5
V
IOL =3 mA
1.8 V <= VDD < 2.5 V
--
0.5
V
IOH
HIGH-level output
current
VOH =VDD  0.5 V;
2.5 V <= VDD < 3.6 V
20
-
-
mA
VOH =VDD  0.5 V;
1.8 V <= VDD < 2.5 V
12
-
-
mA
IOL
LOW-level output
current
VOL =0.5 V
2.5 V
 VDD  3.6 V
4-
-
mA
1.8 V
 VDD < 2.5 V
3
-
-
mA
IOLS
LOW-level short-circuit
output current
VOL =VDD
[5] --
50
mA
Ipd
pull-down current
VI =5V
[6] 10
50
150
A
Ipu
pull-up current
VI =0V
[6]
10
50
85
A
VDD <VI <5V
0
0
0
A
I2C-bus pins (PIO0_10 and PIO0_11)
VIH
HIGH-level input
voltage
0.7VDD
--
V
VIL
LOW-level input voltage
-
-
0.3VDD V
Vhys
hysteresis voltage
-
0.05VDD
-V
IOL
LOW-level output
current
VOL =0.5 V; I2C-bus pins
configured as standard mode pins
2.5 V <= VDD < 3.6 V
3.5
-
-
mA
1.8 V <= VDD < 2.5 V
3
-
-
mA
IOL
LOW-level output
current
VOL =0.5 V; I2C-bus pins
configured as Fast-mode Plus pins;
2.5 V <= VDD < 3.6 V
20
-
-
mA
1.8 V <= VDD < 2.5 V
16
-
-
mA
Table 15.
Static characteristics, pin characteristics …continued
Tamb = 40 C to +105 C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com