Electronic Components Datasheet Search
  English  ▼

X  

LPC844 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # LPC844
Description  32-bit Arm® Cortex®-M0 microcontroller;
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC844 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button LPC844 Datasheet HTML 13Page - NXP Semiconductors LPC844 Datasheet HTML 14Page - NXP Semiconductors LPC844 Datasheet HTML 15Page - NXP Semiconductors LPC844 Datasheet HTML 16Page - NXP Semiconductors LPC844 Datasheet HTML 17Page - NXP Semiconductors LPC844 Datasheet HTML 18Page - NXP Semiconductors LPC844 Datasheet HTML 19Page - NXP Semiconductors LPC844 Datasheet HTML 20Page - NXP Semiconductors LPC844 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 97 page
background image
LPC84x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 1.7 — 27 February 2018
17 of 97
NXP Semiconductors
LPC84x
32-bit Arm Cortex-M0+ microcontroller
8. Functional description
8.1 Arm Cortex-M0+ core
The Arm Cortex-M0+ core runs at an operating frequency of up to 30 MHz using a
two-stage pipeline. The core revision is r0p1.
Integrated in the core are the NVIC and Serial Wire Debug with four breakpoints and two
watchpoints. The Arm Cortex-M0+ core supports a single-cycle I/O enabled port for fast
GPIO access.
The core includes a single-cycle multiplier and a system tick timer.
8.2 On-chip flash program memory
The LPC84x contain up to 64 KB of on-chip flash program memory. The flash memory
supports a 64 Byte page size with page write and erase.
8.3 On-chip SRAM
The LPC84x contain a total of 16KB on-chip static RAM data memory in two separate
SRAM blocks with one combined clock for both SRAM blocks. One 8 KB of SRAM can be
used for MTB.
A bit-band module is added in series with the AHB matrix to allow atomic
read-modify-write operations acting on a single bit.
8.4 FAIM memory
The LPC84x includes the FAIM memory and is used to configure the part at start-up. It is
128/256 bits in size and is used to configure the following:
• Clocks and PMU for low-power start-up.
• Low power boot at 1.5 MHz using FAIM memory.
• Pin configuration including direction and pull- up or pull-down.
• Specification of pins to use for ISP entry for each serial peripheral.
• Select whether SWCLK and SWDIO are enabled on reset.
Remark: The FAIM programming voltage range is 3.0 V
 Vdd  3.6 V.
8.5 On-chip ROM
The on-chip ROM contains the bootloader:
• Boot loader.
• Supports Flash In-Application Programming (IAP).
• Supports In-System Programming (ISP) through USART, SPI, and I2C.
• On-chip ROM APIs for integer divide.
• FAIM API.
• FRO API.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com