Electronic Components Datasheet Search
  English  ▼

X  

LPC844 Datasheet(PDF) 79 Page - NXP Semiconductors

Part # LPC844
Description  32-bit Arm® Cortex®-M0 microcontroller;
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC844 Datasheet(HTML) 79 Page - NXP Semiconductors

Back Button LPC844 Datasheet HTML 75Page - NXP Semiconductors LPC844 Datasheet HTML 76Page - NXP Semiconductors LPC844 Datasheet HTML 77Page - NXP Semiconductors LPC844 Datasheet HTML 78Page - NXP Semiconductors LPC844 Datasheet HTML 79Page - NXP Semiconductors LPC844 Datasheet HTML 80Page - NXP Semiconductors LPC844 Datasheet HTML 81Page - NXP Semiconductors LPC844 Datasheet HTML 82Page - NXP Semiconductors LPC844 Datasheet HTML 83Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 97 page
background image
LPC84x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 1.7 — 27 February 2018
79 of 97
NXP Semiconductors
LPC84x
32-bit Arm Cortex-M0+ microcontroller
(1) See Section 14.2 “XTAL oscillator” for the values of C1 and C2.
(2) Position the decoupling capacitors of 0.1 μF and 0.01 μF as close as possible to the VDD pin. Add one set of decoupling
capacitors to each VDD pin.
(3) Position the decoupling capacitors of 0.1 μF as close as possible to the VREFN and VDD pins. The 10 μF bypass capacitor
filters the power line. Tie VREFP to VDD if the ADC is not used. Tie VREFN to VSS if ADC is not used.
(4) Uses the Arm 10-pin interface for SWD.
(5) When measuring signals of low frequency, use a low-pass filter to remove noise and to improve ADC performance. Also see
Ref. 4.
(6) External pull-up resistors on SWDIO and SWCLK pins are optional because these pins have an internal pull-up enabled by
default.
Fig 39. Power, clock, and debug connections
PIO0_12
ADC_0
PIO0_8/XTALIN
PIO0_9/XTALOUT
VDD
VREFP
PIO0_6/ADC_1/ACMPVREF
VREFN
LPC84x
3.3 V
DGND
Note 5
Note 5 (ADC_1),
Note 3 (ACMPVREF)
C1
C2
Note 1
DGND
DGND
Note 2
Note 3
0.01 μF
0.1 μF
3.3 V
AGND
AGND
AGND
10 μF
0.1 μF
0.1 μF
ISP select pin
aaa-026592
SWDIO/PIO0_2
SWCLK/PIO0_3
RESETN/PIO0_5
VSS
3.3 V
DGND
DGND
1
3
5
7
9
2
4
6
8
10
n.c.
n.c.
n.c.
SWD connector
(6)
(4)
(6)
3.3 V
~10 kΩ - 100 kΩ
~10 kΩ - 100 kΩ
3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com