Electronic Components Datasheet Search
  English  ▼

X  

LPC844 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # LPC844
Description  32-bit Arm® Cortex®-M0 microcontroller;
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC844 Datasheet(HTML) 4 Page - NXP Semiconductors

  LPC844 Datasheet HTML 1Page - NXP Semiconductors LPC844 Datasheet HTML 2Page - NXP Semiconductors LPC844 Datasheet HTML 3Page - NXP Semiconductors LPC844 Datasheet HTML 4Page - NXP Semiconductors LPC844 Datasheet HTML 5Page - NXP Semiconductors LPC844 Datasheet HTML 6Page - NXP Semiconductors LPC844 Datasheet HTML 7Page - NXP Semiconductors LPC844 Datasheet HTML 8Page - NXP Semiconductors LPC844 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 97 page
background image
LPC84x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 1.7 — 27 February 2018
4 of 97
NXP Semiconductors
LPC84x
32-bit Arm Cortex-M0+ microcontroller
4. Ordering information
4.1 Ordering options
Table 1.
Ordering information
Type number
Package
Name
Description
Version
LPC845M301JBD64
LQFP64
Plastic low profile quad flat package; 64 leads; body 10
 10  1.4 mm
SOT314-2
LPC845M301JBD48
LQFP48
Plastic low profile quad flat package; 48 leads; body 7
 7  1.4 mm
SOT313-2
LPC845M301JHI48
HVQFN48
HVQFN: plastic thermal enhanced very thin quad flat package; no leads;
48 terminals; body 7
 7  0.85 mm
SOT619-1
LPC845M301JHI33
HVQFN33
HVQFN: plastic thermal enhanced very thin quad flat package; no leads;
33 terminals; body 5
 5  0.85 mm
SOT617-11
LPC844M201JBD64
LQFP64
Plastic low profile quad flat package; 64 leads; body 10
 10  1.4 mm
SOT314-2
LPC844M201JBD48
LQFP48
Plastic low profile quad flat package; 48 leads; body 7
 7  1.4 mm
SOT313-2
LPC844M201JHI48
HVQFN48
HVQFN: plastic thermal enhanced very thin quad flat package; no leads;
48 terminals; body 7
 7  0.85 mm
SOT619-1
LPC844M201JHI33
HVQFN33
HVQFN: plastic thermal enhanced very thin quad flat package; no leads;
33 terminals; body 5
 5  0.85 mm
SOT617-11
Table 2.
Ordering options
Type number
Flash/KB SRAM/KB USART
I2C
SPI
DAC
Capacitive
Touch
GPIO
Package
LPC845M301JBD64
64
16
5
4
2
2
yes
54
LQFP64
LPC845M301JBD48
64
16
5
4
2
2
yes
42
LQFP48
LPC845M301JHI48
64
16
5
4
2
2
yes
42
HVQFN48
LPC845M301JHI33
64
16
5
4
2
1
-
29
HVQFN33
LPC844M201JBD64
64
8
2
2
2
-
-
54
LQFP64
LPC844M201JBD48
64
8
2
2
2
-
-
42
LQFP48
LPC844M201JHI48
64
8
2
2
2
-
-
42
HVQFN48
LPC844M201JHI33
64
8
2
2
2
-
-
29
HVQFN33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com