Electronic Components Datasheet Search
  English  ▼

X  

LPC844 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LPC844
Description  32-bit Arm® Cortex®-M0 microcontroller;
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC844 Datasheet(HTML) 1 Page - NXP Semiconductors

  LPC844 Datasheet HTML 1Page - NXP Semiconductors LPC844 Datasheet HTML 2Page - NXP Semiconductors LPC844 Datasheet HTML 3Page - NXP Semiconductors LPC844 Datasheet HTML 4Page - NXP Semiconductors LPC844 Datasheet HTML 5Page - NXP Semiconductors LPC844 Datasheet HTML 6Page - NXP Semiconductors LPC844 Datasheet HTML 7Page - NXP Semiconductors LPC844 Datasheet HTML 8Page - NXP Semiconductors LPC844 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 97 page
background image
1. General description
The LPC84x are an Arm Cortex-M0+ based, low-cost 32-bit MCU family operating at CPU
frequencies of up to 30 MHz. The LPC84x support up to 64 KB of flash memory and
16 KB of SRAM.
The peripheral complement of the LPC84x includes a CRC engine, four I2C-bus
interfaces, up to five USARTs, up to two SPI interfaces, Capacitive Touch Interface, one
multi-rate timer, self-wake-up timer, SCTimer/PWM, one general purpose 32-bit
counter/timer, a DMA, one 12-bit ADC, two 10-bit DACs, one analog comparator,
function-configurable I/O ports through a switch matrix, an input pattern match engine,
and up to 54 general-purpose I/O pins.
For additional documentation related to the LPC84x parts, see Section 18.
2. Features and benefits
System:
Arm Cortex-M0+ processor (revision r0p1), running at frequencies of up to 30 MHz
with single-cycle multiplier and fast single-cycle I/O port.
Arm Cortex-M0+ built-in Nested Vectored Interrupt Controller (NVIC).
System tick timer.
AHB multilayer matrix.
Serial Wire Debug (SWD) with four break points and two watch points. JTAG
boundary scan (BSDL) supported.
Micro Trace Buffer (MTB).
Memory:
Up to 64 KB on-chip flash programming memory with 64 Byte page write and
erase.
Fast Initialization Memory (FAIM) allowing the user to configure chip behavior on
power-up.
Code Read Protection (CRP)
Up to 16 KB SRAM consisting of two 8 KB contiguous SRAM banks. One 8 KB of
SRAM can be used for MTB.
Bit-band addressing supported to permit atomic operations to modify a single bit.
ROM API support:
Boot loader.
Supports Flash In-Application Programming (IAP).
LPC84x
32-bit Arm® Cortex®-M0+ microcontroller; up to 64 KB flash
and 16 KB SRAM; FAIM memory; 12-bit ADC; 10-bit DACs;
Comparator; Capacitive Touch Interface
Rev. 1.7 — 27 February 2018
Product data sheet


Similar Part No. - LPC844

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC800 NXP-LPC800 Datasheet
5Mb / 24P
NXP LPC microcontrollers
November 2012
LPC802 NXP-LPC802 Datasheet
2Mb / 83P
32-bit ARM Cortex-M0 microcontroller
Rev. 1.6-27 April 2018
LPC804 NXP-LPC804 Datasheet
2Mb / 81P
32-bit Arm짰 Cortex짰-M0 microcontroller
Rev. 1.3-23 March 2018
LPC804 NXP-LPC804 Datasheet
3Mb / 89P
32-bit Arm짰 Cortex짰-M0 microcontroller; up to 32 KB flash and 4 KB SRAM; 12-bit ADC; Comparator; 10-bit DAC; Capacitive Touch Interface; Programmable Logic Unit
Rev.2.0-21 September2021
LPC804 NXP-LPC804 Datasheet
1Mb / 89P
32-bit Arm® Cortex®-M0 microcontroller; up to 32 KB flash and 4 KB SRAM; 12-bit ADC; Comparator; 10-bit DAC; Capacitive Touch Interface; Programmable Logic Unit
Rev. 2.1 - 25 July 2023
More results

Similar Description - LPC844

ManufacturerPart #DatasheetDescription
logo
TALEMA Group. LLC
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
32-Bit ARM Cortex-M0 Microcontroller
logo
Nuvoton Technology Corp...
M0A21 NUVOTON-M0A21 Datasheet
8Mb / 212P
Arm® Cortex®-M 32-bit Microcontroller
M0A21 NUVOTON-M0A21_V01 Datasheet
8Mb / 212P
NuMicro® Family Arm® Cortex®-M0-based Microcontroller
Rev 1.02
M031BT NUVOTON-M031BT_V01 Datasheet
6Mb / 203P
NuMicro® Family Arm® Cortex-M0-based Microcontroller
Rev 2.01
M480 NUVOTON-M480_V01 Datasheet
10Mb / 473P
Arm® Cortex®-M 32-bit Microcontroller
Rev 2.00
M480 NUVOTON-M480_V02 Datasheet
12Mb / 525P
NuMicro® Family Arm® 32-bit Cortex®-M4 Microcontroller
Rev 3.03
M254 NUVOTON-M254 Datasheet
8Mb / 256P
NuMicro® Family Arm® 32-bit Cortex®-M23 Microcontroller
Rev 1.01 / Nov. 12, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com