Electronic Components Datasheet Search
  English  ▼

X  

NMP Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # NMP
Description  650W/1200W Modular Power
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

NMP Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  NMP Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. NMP Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. NMP Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. NMP Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. NMP Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. NMP Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. NMP Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd. NMP Datasheet HTML 8Page - Mean Well Enterprises Co., Ltd. NMP Datasheet HTML 9Page - Mean Well Enterprises Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
650W/1200W Modular Power
NMP series
SPECIFICATION
Front-End
NMP650 (4 Slots)
NMP1K2 (6 Slots)
MODEL
VOLTAGE RANGE
Note.5
FREQUENCY RANGE
POWER FACTOR
EFFICIENCY(Typ.)
Note.4
AC CURRENT
INPUT
INRUSH CURRENT
LEAKAGE CURRENT
90 ~ 264VAC
120 ~370VDC
47 ~ 63Hz
PF>0.95/230VAC
PF>0.98/115VAC at full load
6.7A/230VAC
13.5A/115VAC
40A/230VAC
25A/115VAC
3.5A/230VAC
7.5A/115VAC
8.%
8 5 , full case load with each type of module at nominal voltage
91%, full case load with H / K module at nominal 24V / 48V only
40A/230VAC
25A/115VAC
Earth leakage current <400uA / 264VAC, Touch current <100uA/264VAC
1200W max.
5V @ 2A; tolerance 10%; ripple: 50mVp-p(max.)
±
REMOTE CONTROL
ALARM SIGNAL
AUXILIARY POWER(AUX)
SAFETY STANDARDS
WORKING TEMP.
WORKING HUMIDITY
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
FUNCTION
ANSI/AAMI ES60601-1, Ed. 3.1; TUV EN 60601-1, Ed. 3.1; IEC 60601-1, Ed. 3.1; EAC TP TC 004 approved;
Design refer to UL62368-1, TUV EN62368-1
-30 ~ +70
(Derate at 50
, refer to "Derating Curve")
℃℃
20 ~ 90% RH non-condensing
RC+/RC-: Short, Power ON
RC+/RC-: Open, Power OFF
TTL signal output for over temperature alarm. Please refer to the Function Manual.
5V @ 1.5A ; tolerance 10%; ripple: 50mVp-p (max.)
±
-40 ~ +85
, 10 ~ 95% RH non-condensing
℃
±℃
℃
0.03%/
(0 ~ 50
)
10~500Hz, 2G 10min./1 cycle, 60 min. each along X, Y, Z axes.
ISOLATION LEVEL
WITHSTAND VOLTAGE
Primary-Secondary: 2x MOPP, Primary-Earth: 1x MOPP
I/P-O/P: 4KVAC
I/P-FG: 2KVAC
O/P-FG: 0.5KVAC
ENVIRONMENT
SAFETY &
OUTPUT
650W max.
Shut down o/p voltage, recovers automatically after temperature goes down
TOTAL OUTPUT POWER
PROTECTION OVER TEMPERATURE
ISOLATION RESISTANCE
I/P-O/P, I/P-FG, O/P-FG: 100M Ohms / 500VDC / 25
/ 70% RH
℃
EMC
(Note 5)
OTHERS
DIMENSION
PACKING
250*89*41mm (L*W*H)
250*127*41mm (L*W*H)
1.45Kg (typ.); 9pcs / 14Kg / 0.98CUFT
2Kg (typ.); 6pcs / 13Kg / 0.88CUFT
Parameter
Parameter
ESD
RF field
EFT/ Burst
Surge
Conducted
Magnetic Field
Voltage Dips and Interruptions
Conducted
Radiated
Harmonic Current
Voltage Flicker
Standard
Standard
EN55032 (CISPR32) / EN55011 (CISPR11)
EN55032 (CISPR32) / EN55011 (CISPR11)
EN61000-3-2
EN61000-3-3
EN61000-4-2
EN61000-4-3
EN61000-4-4
EN61000-4-5
EN61000-4-6
EN61000-4-8
EN61000-4-11
Test Level / Note
Test Level / Note
Class B
Class B
Class A
-----
EMC IMMUNITY
EMC EMISSION
EN60601-1-2, EN55024
Level 4, 15KV air; Level 4, 8KV contact
Level 3, 10V/m
Level 3, 2KV
Level 4, 4KV/Line-FG; 2KV/Line-Line
Level 2, 3V
Level 4, 30A/m
100% dip 1 periods, 30% dip 25 periods,
100% interruptions 250 periods
File Name:NMP-SPEC 2018-04-26
9%
0.5 , full case load with H / K module at nominal 24V / 48V only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com