Electronic Components Datasheet Search
  English  ▼

X  

NMP Datasheet(PDF) 9 Page - Mean Well Enterprises Co., Ltd.

Part # NMP
Description  650W/1200W Modular Power
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

NMP Datasheet(HTML) 9 Page - Mean Well Enterprises Co., Ltd.

Back Button NMP Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. NMP Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. NMP Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. NMP Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd. NMP Datasheet HTML 8Page - Mean Well Enterprises Co., Ltd. NMP Datasheet HTML 9Page - Mean Well Enterprises Co., Ltd. NMP Datasheet HTML 10Page - Mean Well Enterprises Co., Ltd. NMP Datasheet HTML 11Page - Mean Well Enterprises Co., Ltd. NMP Datasheet HTML 12Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
650W/1200W Modular Power
NMP series
Function Manual
2. Global or Local ON/OFF CONTROL
1. “Global ON/FF Control” function is not used
※ The power supply can be turned ON/OFF for the entire unit, by global enable/inhibit, or for specific modules, by local Remote ON-OFF.
※ The power supply
(
)
.
unit will have no output if the shorting connector accessory comes along with the PSU is not assembled It contains one shorting
wire it is from RC1 (CN32 - PIN6) to GND-P (CN32 - PIN3)
:
NMP1K2
NMP1K2
NMP650
1
1
GND-P
(CN32 - PIN3)
GND-P
(CN32 - PIN3)
CN32
CN32
RC1
(CN32 - PIN6)
GND
( PIN1 or 2)
RC2
( PIN3)
RC1
(CN32 - PIN6)
5
5
2
2
6
6
NMP650
◎ Global ON/OFF
Between RC1 (CN32-PIN6) and GND-P (CN32-PIN3)
Between RC2 (CN81-PIN3) and GND (CN81-PIN1 or 2)
Output Status
Output Modules Status (NMS-240)
SW OFF (open)
SW ON (short)
SW ON (short)
SW OFF (open)
OFF
OFF
ON
ON
◎ Local ON/OFF
The NMS-240 can be turned ON/OFF by using the ‘‘local ON/OFF’’ function.
CN32
CN32
CN32
CN32
6
6
6
6
5
5
5
5
2
2
2
2
1
1
1
1
TB1
TB1
TB1
TB1
N
N
N
N
L
L
L
L
(Shorting connector)
+5V
-AUX-P
+5V
-AUX-P
GND-P
GND-P
+5V
-AUX-P
+5V
-AUX-P
GND-P
GND-P
RC1
RC1
T-Alarm
T-Alarm
SW
GND
1
GND
2
RC2
VCC2
CS
DC_OK
PC
CN81
PV
+S
-S
9
10
SW
NMS-240
+V
-V
LOAD
CN81
4 6810
9
7
5
3
2
1
VR60
LED
File Name:NMP-SPEC 2018-04-26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com