Electronic Components Datasheet Search
  English  ▼

X  

NMP Datasheet(PDF) 8 Page - Mean Well Enterprises Co., Ltd.

Part # NMP
Description  650W/1200W Modular Power
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

NMP Datasheet(HTML) 8 Page - Mean Well Enterprises Co., Ltd.

Back Button NMP Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. NMP Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. NMP Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. NMP Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd. NMP Datasheet HTML 8Page - Mean Well Enterprises Co., Ltd. NMP Datasheet HTML 9Page - Mean Well Enterprises Co., Ltd. NMP Datasheet HTML 10Page - Mean Well Enterprises Co., Ltd. NMP Datasheet HTML 11Page - Mean Well Enterprises Co., Ltd. NMP Datasheet HTML 12Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
650W/1200W Modular Power
NMP series
Function Descrption of CN32
MECHANICAL SPECIFICATION
※ NMS-240 Output Module
※ Blank slot
Blank slot should be assembled with BLANK-NMS240, Please contact MEAN WELL for details.
Pin No. Function Description
9
5
+S
DC OK
Positive sensing for remote sense.
“DC OK” signal is a TTL level, referenced to pin 1&2 (GND).
Output modules turn on=4.5~5.5V, turn off=0~0.5V. The maximum sourcing current is 10mA (4.5~5.5V).
8
PV
Connection for output voltage programming, referenced to pin 1&2 (GND)
6
3
10
CS
RC2
-S
Current sharing signal. When units are connected in parallel, the CS pins of the units should be connected to allow current balance
between units. Referenced to pin 1&2 (GND)
Negative sensing for remote sense.
Turns the output on and off by electrical or dry contact between pin 3 (RC2) and pin 1&2 (GND).
Open: Power ON; Short: Power OFF.
2
4
1
GND
Vcc 2
GND
Ground.
Auxiliary voltage output, 4.5~5.5V, referenced to pin 1&2 (GND).The maximum load current is 10mA.
Ground.
7PC
Connection for output current programming, referenced to pin 1&2 (GND)
Function Descrption of CN81
※ DC Output Terminal Pin No. Assignment
Assignment
Diagram
Mx
a imum
mounting torque
Recommended screw size
MAX. Penetration Depth L
10Kgf-cm
M3.5
10mm
+V, -V
File Name:NMP-SPEC 2018-04-26
Pin No.
Function
Description
1, 2
+5V-AUX_P
Auxiliary voltage output, 4.5~5.5V, referenced to pin 3 & 4 (GND-P).The maximum load current is 2A (NMP1K2) or 1.5A (NMP650).
5
T-Alarm
TTL signal output for over temperature alarm. The maximum sourcing current is 10mA.
High(4.5~5.5V): When the internal temperature exceeds the limit & “safe limit” of temperature alarm.
Low(0~0.5V): When the internal temperature is normal.
3, 4
GND-P
Ground.
6
RC1
Turns the output on and off by electrical or dry contact between pin 6 (RC1) and pin 3 & 4 (GND-P).
Short: Power ON; Open: Power OFF.
118.5
CN81
4 68 10
9
7
5
3
2
1
20
VR60
LED
-V
+V
62
1
5
※ Control Pin No. Assignment
: HRS DF11-6DP-2DS or equivalent
(CN32)
Mating Housing
Terminal
HRS DF11-6DS or equivalent
HRS DF11-**SC or equivalent
19
10
2
※ Control Pin No. Assignment
: HRS DF11-10DP-2DS or equivalent
(CN81)
Mating Housing
Terminal
HRS DF11-10DS or equivalent
HRS DF11-**SC or equivalent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com