Electronic Components Datasheet Search
  English  ▼

X  

NMP Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part # NMP
Description  650W/1200W Modular Power
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

NMP Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd.

  NMP Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. NMP Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. NMP Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. NMP Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. NMP Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. NMP Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. NMP Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd. NMP Datasheet HTML 8Page - Mean Well Enterprises Co., Ltd. NMP Datasheet HTML 9Page - Mean Well Enterprises Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
OUTPUT
(NMS-240)
DC VOLTAGE
CONFIGURATION CODE
MODEL
NMS-240-05
NMS-240-12
NMS-240-24
NMS-240-48
5V
C
12V
E
24V
H
48V
K
36A
20A
10A
5A
0 ~ 36A
0 ~ 20A
0 ~ 10A
0 ~ 5A
180W
100mVp-p
3 ~ 6V
240W
150mVp-p
6~15V
240W
150mVp-p
15~30V
240W
250mVp-p
30~55V
±2.0%
±1.0%
±1.0%
±1.0%
±0.5%
±0.3%
±0.2%
±0.2%
±1.0%
±0.5%
±0.5%
±0.5%
1500ms, 60ms at full load
16ms/230VAC @ 75% total output power
10ms/230VAC @ total output power
RATED CURRENT
CURRENT RANGE
RATED POWER
RIPPLE & NOISE (max.) Note.2
VOLTAGE ADJ. RANGE
VOLTAGE TOLERANCE Note.3
LINE REGULATION
LOAD REGULATION
SETUP, RISE TIME
HOLD UP TIME (Typ.)
105 ~ 125% rated output power
OVERLOAD
OVER VOLTAGE
PROTECTION
Protection type : Shut down o/p voltage, re-power on to recover
Protection type: constant current limiting protection
6.1 ~ 8V
15.1 ~ 20V
6 ~ 15V
30.1 ~ 37V
15 ~ 30V
56 ~ 66V
30 ~ 55V
REMOTE ON/OFF CONTROL
REMOTE SENSE
OUTPUT VOLTAGE PROGRAMMABLE(PV)
OUTPUT CURRENT PROGRAMMABLE(PC)
AUXILIARY POWER(AUX)
CURRENT SHARING(CS)
DC OK SIGNAL
RC+/RC-: Open, Power ON
RC+/RC-: Short, Power OFF
Compensate voltage drop on the load wiring up to 0.5V.
Adjustment of output voltage is allowable. Please refer to the Function Manual.
3 ~ 6V
Adjustment of constant current level is allowable. Please refer to the Function Manual.
5V@10mA; tolerance 10%, ripple: 50mVp-p (max.)
±
Please refer to the Function Manual.
Output modules turn on=4.5 ~ 5.5V, turn off=0 ~ 0.5V. Please refer to the Function Manual.
FUNCTION
■ Output Module (240W)
650W/1200W Modular Power
NMP series
OTHERS
DIMENSION
PACKING
118.5*37.9*18mm (L*W*H)
0.142Kg (typ.); 72pcs / 11.2Kg / 1.04CUFT
File Name:NMP-SPEC 2018-04-26
NOTE
1. All parameters NOT specifically mentioned are measured at 230VAC input, rated load and 25 of ambient temperature.
℃
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance: includes set up tolerance, line regulation and load regulation.
4. NMP650: The efficiency changes by installing different output modules. The following combination is chosen when fitting different types of module:
5V (Voltage code C)*1, 12V (Voltage code E)*1, 24V (Voltage code H)*1, 48V (Voltage code K)*1. (650W max.)
NMP1K2: The efficiency changes by installing different output modules. The following combination is chosen when fitting different types of module:
5V (Voltage code C)*1, 12V (Voltage code E)*1, 24V (Voltage code H)*2, 48V (Voltage code K)*2. (1200W max.)
The hold up time of the combination above is 16ms/230vac @ 75% total output power 10ms/230VAC @ total output power.
、
5. De-rating may be needed under low input voltages. Please check the derating curve for more details.
6. Under parallel operation ripple of the output voltage may be higher than the SPEC at light load condition.
7. The ambient temperature derating of 3.5 /1000m with fanless models and of 5 /1000m with fan models for operating altitude higher than 2000m (6500ft).
℃℃
Shut down o/p voltage, recovers automatically after temperature goes down
OVER TEMPERATURE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com