Electronic Components Datasheet Search
  English  ▼

X  

NMP Datasheet(PDF) 7 Page - Mean Well Enterprises Co., Ltd.

Part # NMP
Description  650W/1200W Modular Power
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

NMP Datasheet(HTML) 7 Page - Mean Well Enterprises Co., Ltd.

Back Button NMP Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. NMP Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. NMP Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. NMP Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. NMP Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd. NMP Datasheet HTML 8Page - Mean Well Enterprises Co., Ltd. NMP Datasheet HTML 9Page - Mean Well Enterprises Co., Ltd. NMP Datasheet HTML 10Page - Mean Well Enterprises Co., Ltd. NMP Datasheet HTML 11Page - Mean Well Enterprises Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
650W/1200W Modular Power
NMP series
MECHANICAL SPECIFICATION
※ NMP650
※ AC Input Terminal Pin No. Assignment
Pin No.
1
3
2
Assignment
Diagram
Mx
a imum
mounting torque
12Kgf-cm
AC/N
AC/L
※ Mounting Instruction
Hole No.
Recommended Screw Size
MAX. Penetration Depth L
Recommended mounting torque
1
2
4mm
4mm
M4
M4
7~1 Kgf-cm
0
7~1 Kgf-cm
0
FG
Case No.259
Unit:mm
Air flow
direction
CN32
6
5
2
1
TB1
1
2
3
4-M4 L=4
92
122
14 max.
219.1
4-M4(Both Sides) L=4
250
10 max.
6.1
+V
-V
2
2
1
1
1
1
File Name:NMP-SPEC 2018-04-26
Mounting Screw
Mounting Surface
L
Chassis of NMP
(thickness 1.6mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com