Electronic Components Datasheet Search
  English  ▼

X  

NMP Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # NMP
Description  650W/1200W Modular Power
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

NMP Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  NMP Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. NMP Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. NMP Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. NMP Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. NMP Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. NMP Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. NMP Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd. NMP Datasheet HTML 8Page - Mean Well Enterprises Co., Ltd. NMP Datasheet HTML 9Page - Mean Well Enterprises Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
■ Description
Medical (2x MOPP) safety approval
Suitable for BF application with appropriate system
consideration (
)
Touch current < 100uA/264VAC
1U low profile
Universal AC input / Full range
Output voltage and current programmable
Built-in parallel function / output programmable / global
enable / remote local ON-OFF / auxiliary DC output /
over temperature alarm / DC OK
Cooling by thermostatically controlled fan with fan alarm
function
Protections: Short circuit / Overload / Over voltage /
Over temperature for all output modules
5 years warranty
Medical equipment
Diagnostic or biological facilities
MRI, CT and PET scanners
Test or measurement systems
Telecommunication equipment
Factory facility and aging equipment
Laser equipment
■ Features
■ Applications
+
+
EN 60601-1
IEC 60601-1
8
IEC60601-1
EN60601-1
ANSI/AAMI ES60601-1
(NMP1K2)
File Name:NMP-SPEC 2018-04-26
650W/1200W Modular Power
NMP series
NMP family is a 1U low profile modular and configurable type power supply from MEAN WELL. This family
comprises two power wattage for the line-up, 650W and 1200W, and the output modules deliver up to 240W
with adjustable options for the major working voltages used in the industries 5V, 12V, 24V, 48V. NMP family
complies with safety approval, the medical standard (2x MOPP between primary to secondary) offering the best
flexibility for various types of applications.


Similar Part No. - NMP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NMP018A ETC-NMP018A Datasheet
67Kb / 2P
Quartz Crystal
NMP020A ETC-NMP020A Datasheet
67Kb / 2P
Quartz Crystal
NMP024A ETC-NMP024A Datasheet
67Kb / 2P
Quartz Crystal
NMP030A ETC-NMP030A Datasheet
67Kb / 2P
Quartz Crystal
NMP032A ETC-NMP032A Datasheet
67Kb / 2P
Quartz Crystal
More results

Similar Description - NMP

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
MP-450 MEANWELL-MP-450 Datasheet
342Kb / 6P
450W/650W/1000W Modular Power
logo
RSG Electronic Componen...
PFC-450 RSG-PFC-450 Datasheet
272Kb / 6P
450W/650W/1000W Modular Power
logo
Mean Well Enterprises C...
MP1K0 MEANWELL-MP1K0 Datasheet
344Kb / 6P
450W/650W/1000W Modular Power
MP450 MEANWELL-MP450_10 Datasheet
344Kb / 6P
450W/650W/1000W Modular Power
MP650 MEANWELL-MP650 Datasheet
344Kb / 6P
450W/650W/1000W Modular Power
MS-75 MEANWELL-MS-75 Datasheet
344Kb / 6P
450W/650W/1000W Modular Power
MS-150 MEANWELL-MS-150 Datasheet
344Kb / 6P
450W/650W/1000W Modular Power
MS-300 MEANWELL-MS-300 Datasheet
344Kb / 6P
450W/650W/1000W Modular Power
MD-100 MEANWELL-MD-100 Datasheet
344Kb / 6P
450W/650W/1000W Modular Power
logo
AAEON Technology
FWS-8500 AAEON-FWS-8500 Datasheet
327Kb / 2P
650w redundant power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com