Electronic Components Datasheet Search
  English  ▼

X  

FSA321 Datasheet(PDF) 5 Page - ON Semiconductor

Part # FSA321
Description  Audio Switches with Negative Signal Capability
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA321 Datasheet(HTML) 5 Page - ON Semiconductor

  FSA321 Datasheet HTML 1Page - ON Semiconductor FSA321 Datasheet HTML 2Page - ON Semiconductor FSA321 Datasheet HTML 3Page - ON Semiconductor FSA321 Datasheet HTML 4Page - ON Semiconductor FSA321 Datasheet HTML 5Page - ON Semiconductor FSA321 Datasheet HTML 6Page - ON Semiconductor FSA321 Datasheet HTML 7Page - ON Semiconductor FSA321 Datasheet HTML 8Page - ON Semiconductor FSA321 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA321
• Rev.1.0.6
4
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
-0.5
4.6
V
USB Sel
USB Select Control Signal
-0.5
6.0
V
A/LP Sel
Power Save Mode Control Signal
-0.5
6.0
V
VSW
Switch I/O Voltage
(3)
USB Path Active
-1.0
4.6
V
Audio Path Active
VCC-4.6V
4.6
DC Switch I/O Voltage
(3)
USB Path Active
-0.50
5.25
Audio Path Active
IIK
Input Clamp Diode Current
-50
mA
ISW
Switch I/O Current (Continuous)
USB
50
mA
Audio
100
mA
ISWPEAK
Peak Switch Current (Pulsed at
1ms Duration, <10% Duty Cycle)
USB
100
mA
Audio
250
mA
TSTG
Storage Temperature Range
-65
+150
C
TJ
Maximum Junction Temperature
+150
C
TL
Lead Temperature (Soldering, 10 seconds)
+260
C
ESD
Human Body Model,
JEDEC: JESD22-A114
I/O to GND
11
kV
All Other Pins
8
VCC to GND
12
Charged Discharge Model, JEDEC: JESD22-C101
2
IEC61000-4-2 System
USB Connection Pins
(D+/R, D-/L, VBUS)
Air Gap
15
Contact
8
Note
:
3.
The input and output negative ratings may be exceeded if the input and output diode current ratings are
observed.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Max.
Units
VCC
Supply Voltage
1.8
4.3
V
USB Sel
USB Select Control Signal
0
5.5
V
A/LP Sel
Power-Save Mode Control Signal
0
5.5
V
VSW
Switch I/O Voltage
USB Path Active
0
4.3
V
Audio Path Active
VCC-4.3V
4.3
V
TA
Operating Temperature
-40
+85
ºC
JA
Thermal Resistance (Free Air)
UMLP
284
ºC/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com