Electronic Components Datasheet Search
  English  ▼

X  

FSA321 Datasheet(PDF) 9 Page - ON Semiconductor

Part # FSA321
Description  Audio Switches with Negative Signal Capability
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA321 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button FSA321 Datasheet HTML 5Page - ON Semiconductor FSA321 Datasheet HTML 6Page - ON Semiconductor FSA321 Datasheet HTML 7Page - ON Semiconductor FSA321 Datasheet HTML 8Page - ON Semiconductor FSA321 Datasheet HTML 9Page - ON Semiconductor FSA321 Datasheet HTML 10Page - ON Semiconductor FSA321 Datasheet HTML 11Page - ON Semiconductor FSA321 Datasheet HTML 12Page - ON Semiconductor FSA321 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA321
• Rev.1.0.6
8
Test Diagrams
Dn or R/L
D+/R or D /L
I
ON
V
ON
R
ON = VON / I ON
GND
V
SW
GND
-
V
CNTRL
= fn (
)
VCC
D+/R or D- /L
D+, D-
or R/L
A
I
(OFF)
VSW
GND
V
CNTRL = fn (
)
VCC
Figure 4. On Resistance
Figure 5. Off Leakage
VCNTRL = fn
I
A(ON)
Vsw
A
D+, D - or R/L
D+/R or
D-/L
II
G
(VCC)
ND
RL, RS, and CL, are functions of the application
environment (see tables for specific values).
CL includes test fixture and stray capacitance.
GND
RS
Vsw
GND
RL
CL
GND
VOUT
D+, D- or R,L
D+/R or D -/L
V
CNTRL = fn (VCC)
Figure 6.
On Leakage
Figure 7. AC Test Circuit Load
VCNTRL = fn (VCC)
Input -VCNTRL
tRISE = 1µs
GND
Vbus
Vth(max)
90%
10%
10%
tFALL= 1µs
Output -VOUT
90%
VOH
VOL
tON
tOFF
90%
Vth(min)
Vth =Vbusth or Vaudioth
tRISE= 750ps
GND
0.4V
90%
90%
10%
10%
tFALL= 750ps
50%
50%
Input
– V
-
Output- V
OUT
50%
50%
VOH
VOL
tpLH
tpHL
t
–
D+/D
--
Figure 8. Turn-On / Turn-Off Waveforms (USB/Audio)
Figure 9. USB Switch Propagation Delay Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com