Electronic Components Datasheet Search
  English  ▼

X  

FSA321 Datasheet(PDF) 7 Page - ON Semiconductor

Part # FSA321
Description  Audio Switches with Negative Signal Capability
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA321 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button FSA321 Datasheet HTML 3Page - ON Semiconductor FSA321 Datasheet HTML 4Page - ON Semiconductor FSA321 Datasheet HTML 5Page - ON Semiconductor FSA321 Datasheet HTML 6Page - ON Semiconductor FSA321 Datasheet HTML 7Page - ON Semiconductor FSA321 Datasheet HTML 8Page - ON Semiconductor FSA321 Datasheet HTML 9Page - ON Semiconductor FSA321 Datasheet HTML 10Page - ON Semiconductor FSA321 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA321
• Rev.1.0.6
6
AC Electrical Characteristics
All typical value are for VCC = 3.3V at 25ºC unless otherwise specified.
Symbol
Parameter
VCC (V)
Conditions
TA = - 40 to +85°C
Unit
Min.
Typ.
(8)
Max.
tPDUSB
USB Switch Propagation Delay
(8)
3.3
RL =
50Ω, CL = 0pF
Figure 9
0.25
ns
XtalkA
Non-Adjacent Channel Crosstalk
(Audio Mode)
3.3
f = 20kHz, RT
= 32Ω,
CL = 0pF, Figure 17
-110
dB
Non-Adjacent Channel Crosstalk
(USB Mode)
3.3
f = 240MHz,
RT = 20
Ω, CL = 0pF
Figure 17
-45
dB
OIRR
Off Isolation (Audio Mode)
3.3
f = 20kHz, RT
= 32Ω,
CL = 0pF
-85
dB
Off Isolation (USB Mode)
3.3
f = 240MHz,
RT = 20
Ω, CL = 0pF
-40
dB
BW
-3db Bandwidth (USB Mode)
3.3
RT
= 50Ω, CL = 0pF,
Signal 0dBm,
Figure 15
720
MHz
THD
Total Harmonic Distortion (Audio Mode)
3.3
f = 20Hz to 20kHz,
RL
= 32Ω, VIN = 2VPP
Figure 14
0.11
%
SNR
Signal-to-Noise Ratio (Audio Mode)
3.3
f = 20Hz to 20kHz
RL
= 32Ω, VIN = 2VPP
-90
dB
Note
:
8.
Guaranteed by characterization, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com