Electronic Components Datasheet Search
  English  ▼

X  

FSA321 Datasheet(PDF) 6 Page - ON Semiconductor

Part # FSA321
Description  Audio Switches with Negative Signal Capability
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA321 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button FSA321 Datasheet HTML 2Page - ON Semiconductor FSA321 Datasheet HTML 3Page - ON Semiconductor FSA321 Datasheet HTML 4Page - ON Semiconductor FSA321 Datasheet HTML 5Page - ON Semiconductor FSA321 Datasheet HTML 6Page - ON Semiconductor FSA321 Datasheet HTML 7Page - ON Semiconductor FSA321 Datasheet HTML 8Page - ON Semiconductor FSA321 Datasheet HTML 9Page - ON Semiconductor FSA321 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA321
• Rev.1.0.6
5
DC Electrical Characteristics
All typical values are at 25ºC unless otherwise specified.
Symbol
Parameter
VCC (V)
Conditions
TA = - 40 to +85°C
Unit
Min.
Typ.
(6)
Max.
Common Pins
VIK
Clamp Diode Voltage
1.8 to 4.3 IIK = -18mA
-1.2
V
VIH
Control Input Voltage HIGH
1.8 to 2.7
1.0
2.7 to 4.3
1.2
VIL
Control Input Voltage LOW
1.8 to 2.7
0.3
2.7 to 4.3
0.5
IIN
USB Sel and A/LP Sel Input
Current
1.8 to 4.3
VIN = 0V
-1
1
µA
VIN = 5.5V
-1
10
IOFF
Power Off Leakage Current
0
D+/R, D-/L Common Ports,
VSW = 0V to 5.5V,
All other Pins = 0V
25
µA
RPD
A/LP Sel and USB Sel Internal
Pull-Down Resistors
1.8 to 4.3
3
M
RT
Audio Path Termination
Resistors
1.8 to 4.3
200
USB Switch Path
USB Analog Signal Range
1.8 to 4.3
0
4.3
V
RONUSB
HS Switch On Resistance
(4)
1.8 to 4.3 VD+/D- = 0V, 0.4V, ION = 8mA
8
11
Ω
∆RONUSB HS Delta RON(5,6)
1.8 to 4.3 VD+/D- = 0V, ION = 8mA
0.4
Ω
Audio Switch Path
Audio Analog Signal Range
1.8 to 4.3
VCC-
4.3V
VCC
V
RONAudio
Audio Switch On Resistance
2.7
VL/R = -1.0V, 0V, 1.0V
ION = 60mA
1.8
2.7
Ω
∆RONAudio Audio Delta RON(5)
2.7 to 4.3 VL/R = 0.7V ION = 60mA
0.4
Ω
RFLAT(Audio) Audio RON Flatness
(7)
2.7 to 4.3 ION = 60mA
0.8
1.5
Ω
Total Switch Current Consumption
ICC
USB Active Mode Supply Current 1.8 to 4.3
A/LP Sel = LOW,
USB Sel= HIGH, IOUT = 0
0.5
0.8
mA
ICC_LPM
USB Low Power Mode or Audio
Mode Quiescent Supply Current
1.8 to 4.3
A/LP Sel = HIGH,
VCC = 1.8-4.3V
10
15
µA
ICCT
Increase in ICC current per
control voltage and VCC LOW
POWER Mode A/LP Sel HIGH
4.3
VUSB Sel = 2.6V
10
15
µA
VUSB Sel = 1.8V
15
20
Increase in ICC current per
control voltage and VCC
ACTIVE Mode A/LP Sel LOW
VUSB Sel = 2.6V
0.6
0.9
mA
VUSB Sel = 1.8V
0.65
1.00
Notes
:
4.
On resistance is determined by the voltage drop between the A and B pins at the indicated current through the switch.
5.
∆ RON = RON max – RON min measured at identical VCC, temperature, and voltage. Worst-case signal path, audio or
USB channel, is characterized.
6.
Guaranteed by characterization, not production tested.
7.
Flatness is defined as the difference between the maximum and minimum values of on resistance over the
specified range of conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com