Electronic Components Datasheet Search
  English  ▼

X  

FSA321 Datasheet(PDF) 10 Page - ON Semiconductor

Part # FSA321
Description  Audio Switches with Negative Signal Capability
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA321 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button FSA321 Datasheet HTML 6Page - ON Semiconductor FSA321 Datasheet HTML 7Page - ON Semiconductor FSA321 Datasheet HTML 8Page - ON Semiconductor FSA321 Datasheet HTML 9Page - ON Semiconductor FSA321 Datasheet HTML 10Page - ON Semiconductor FSA321 Datasheet HTML 11Page - ON Semiconductor FSA321 Datasheet HTML 12Page - ON Semiconductor FSA321 Datasheet HTML 13Page - ON Semiconductor FSA321 Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA321
• Rev.1.0.6
9
Test Diagrams (Continued)
tRISE = 750ps
GND
0.4V
90%
90%
10%
10%
t FALL= 750ps
50%
50%
Input
– V
D+/D
Output- V
OUT
50%
50%
V
OH
VOL
t
pLH
t
pHL
-
-
tRISE = 750ps
GND
0.4V
90%
90%
10%
10%
tFALL = 750ps
50%
50%
Input
– V
D+/D
-
-
50%
50%
V
OH
VOL
tpLH1
tpHL1
Output2 V
OUT
50%
50%
VOH
VOL
tpLH2 tpHL2
Output1 V
OUT
-
-
t sk(o)
Figure 10. Pulse Skew: tSK(P) = | tPHL
– tPLH |
Figure 11. Output Skew: tSK(O) = | tPLH1
– tPLH2 |
or | tPHL1
– tPHL2 |
Capacitance
f = 1MHz
VCNTRL = fn (VCC)
Dn or R/L or D+/R or D- /L
Dn or R/L or
D+/ R or D-/L
Meter
f = 240MHz
VCNTRL = fn (VCC)
Dn or R/L or
D+/R or D -/L
Dn or R/L or
D+/ R or D-/L
Capacitance
Meter
Figure 12.
Channel Off Capacitance
Figure 13. Channel On Capacitance
V
OUT
GND
GND
R
T
GND
GND
V
S
R
S
Audio Analyzer
VCNTRL
GND
R
S
and R
T
are functions of the application
environment (see tables for specific values).
V
IN
VCNTROL = fn (VCC)
Figure 14. Total Harmonic Distortion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com