Electronic Components Datasheet Search
  English  ▼

X  

ICS8305 Datasheet(PDF) 16 Page - Integrated Device Technology

Part # ICS8305
Description  Low Skew, 1-to-4 Multiplexed Differential/LVCMOS-to-LVCMOS/LVTTL Fanout Buffer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8305 Datasheet(HTML) 16 Page - Integrated Device Technology

Back Button ICS8305 Datasheet HTML 9Page - Integrated Device Technology ICS8305 Datasheet HTML 10Page - Integrated Device Technology ICS8305 Datasheet HTML 11Page - Integrated Device Technology ICS8305 Datasheet HTML 12Page - Integrated Device Technology ICS8305 Datasheet HTML 13Page - Integrated Device Technology ICS8305 Datasheet HTML 14Page - Integrated Device Technology ICS8305 Datasheet HTML 15Page - Integrated Device Technology ICS8305 Datasheet HTML 16Page - Integrated Device Technology ICS8305 Datasheet HTML 17Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
ICS8305 Data Sheet
LOW SKEW, 1-TO-4 MULTIPLEXED DIFFERENTIAL/LVCMOS-TO-LVCMOS/LVTTL FANOUT BUFFER
ICS8305AG REVISION C MAY 30, 2014
16
©2014 Integrated Device Technology, Inc.
Revision History Sheet
Rev
Table
Page
Description of Change
Date
A
T8
14
Ordering Information table - corrected Part/Order Number typo from
ICS88305AGT to ICS8305AGT.
1/20/04
B
T5A - T5C
5 & 6
7
Added Additive Phase Jitter to AC Characteristics Tables.
Added Additive Phase Jitter Section.
2/26/04
B
T1
2
Pin Description Table - corrected CLK_EN description.
12/6/04
C
T4A
T4B
T5D
T8
1
4
4
7
10
11
16
Features Section - added 1.5V output to Supply Mode bullet and
added Lead-Free bullet.
Power Supply DC Characteristics Table - added VDDO 1.5V.
LVCMOS DC Characteristics Table - added VOH/VOL 1.5V.
Added 3.3V/1.5V AC Characteristics Table.
Added 3.3V/1.5V Output Load AC Test Circuit Drawing.
Added Recommendations for Unused Input and Output Pins.
Added Lead-Free part number.
11/17/05
C
T8
15
Ordering Information Table - added lead-free marking.
Corrected non-lead free marking from ICS8305AG to 8305AG.
2/22/08
C
T5A-T5D
8
1, 12
6, 7
11
15
Updated to current datasheet format
Deleted HiPerClockS references.
Added Note: Electrical parameters are guaranteed ... to Notes
Updated the ‘Wiring the Differential Input to Accept Single Ended Levels’ section
Deleted: ICS from part numbers; quantity from shipping; LF Note; disclaimer.
9/17/12
CT8
1
15
17
Features Section - removed leaded part reference
Ordering Information - removed leaded parts. PDN# CQ-13-02
Updated Technical Support contact email address
5/30/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com