Electronic Components Datasheet Search
  English  ▼

X  

WM9714L Datasheet(PDF) 40 Page - Cirrus Logic

Part # WM9714L
Description  AC??7 Audio Codec
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM9714L Datasheet(HTML) 40 Page - Cirrus Logic

Back Button WM9714L Datasheet HTML 36Page - Cirrus Logic WM9714L Datasheet HTML 37Page - Cirrus Logic WM9714L Datasheet HTML 38Page - Cirrus Logic WM9714L Datasheet HTML 39Page - Cirrus Logic WM9714L Datasheet HTML 40Page - Cirrus Logic WM9714L Datasheet HTML 41Page - Cirrus Logic WM9714L Datasheet HTML 42Page - Cirrus Logic WM9714L Datasheet HTML 43Page - Cirrus Logic WM9714L Datasheet HTML 44Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 120 page
background image
WM9714L
40
Rev 4.0
3D STEREO ENHANCEMENT
The 3D stereo enhancement function artificially increases the separation between the left and right
channels by amplifying the (L-R) difference signal in the frequency range where the human ear is
sensitive to directionality. The programmable 3D depth setting controls the degree of stereo
expansion introduced by the function. Additionally, the upper and lower limits of the frequency range
used for 3D enhancement can be selected using the 3DFILT control bits.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
40h
General
Purpose
13
3DE
0
(disabled)
3D Enhancement Control
1 = Enabled
0 = Disabled
1Eh
DAC 3D
Control
5
3DLC
0
3D Lower Cut-off Frequency Control
1 = High (500Hz at 48kHz sampling)
0 = Low (200Hz at 48kHz sampling)
4
3DUC
0
3D Upper Cut-off Frequency Control
1 = Low (1.5kHz at 48kHz sampling)
0 = High (2.2kHz at 48kHz sampling)
3:0
3DDEPTH
0000
3D Depth Control
0000 = 0%
… (6.67% steps)
1111 = 100%
Table 18 Stereo Enhancement Control
Note:
1.
All cut-off frequencies change proportionally with the DAC sample rate.
VOICE DAC
VXDAC is a 16-bit mono DAC intended for playback of Rx voice signals input via the PCM interface.
Performance has been optimised for operating at 8ks/s or 16ks/s. The VXDAC will function at other
sample rates up to 48ks/s, but this is not recommended.
The analogue output of VXDAC is routed directly into the output mixers. The signal gain into each
mixer can be adjusted at the mixer inputs using control register 18h.
When not in use the VXDAC can be powered down using the Powerdown register bit VXDAC (register
3Ch, bit 12).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com